Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH95 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH95
Description  HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH95 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH95 Datasheet HTML 1Page - STMicroelectronics TSH95 Datasheet HTML 2Page - STMicroelectronics TSH95 Datasheet HTML 3Page - STMicroelectronics TSH95 Datasheet HTML 4Page - STMicroelectronics TSH95 Datasheet HTML 5Page - STMicroelectronics TSH95 Datasheet HTML 6Page - STMicroelectronics TSH95 Datasheet HTML 7Page - STMicroelectronics TSH95 Datasheet HTML 8Page - STMicroelectronics TSH95 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSH95
3/9
ELECTRICAL CHARACTERISTICS
V
CC
+ = 5V, V
CC
- = -5V, pin 8 connected to 0V, pin 9 connected to V
CC
+, T
amb = 25°C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage Vic = Vo = 0V
Tmin. ≤ Tamb ≤ Tmax.
4
6
mV
Iio
Input Offset Current
Tmin. ≤ Tamb ≤ Tmax.
12
5
µA
Iib
Input Bias Current.
Tmin. ≤ Tamb ≤ Tmax.
515
20
µA
ICC
Supply Current (per amplifier, no load)
Tmin. ≤ Tamb ≤ Tmax.
4.5
6
8
mA
CMR
Common-mode Rejection Ratio Vic = -3V to +4V, Vo = 0V
Tmin. ≤ Tamb ≤ Tmax.
80
70
100
dB
SVR
Supply Voltage Rejection Ratio VCC = ±5V to ±3V
Tmin. ≤ Tamb ≤ Tmax
60
50
75
dB
Avd
Large Signal Voltage Gain RL = 10kΩ, Vo = ±2.5V
Tmin. ≤ Tamb ≤ Tmax.
57
54
70
dB
VOH
High Level Output Voltage Vid = 1V
RL = 600Ω
RL = 150Ω
Tmin. ≤ Tamb ≤ Tmax.
RL = 150Ω
3
2.5
2.4
3.5
3
V
VOL
Low Level Output Voltage Vid = 11V
RL = 600Ω
RL = 150Ω
Tmin. ≤ Tamb ≤ Tmax.
RL = 150Ω
-3.5
-2.8
-3
-2.5
-2.4
V
Io
Output Short Circuit Current Vid = ±1V
Source
Sink
Tmin. ≤ Tamb ≤ Tmax.
Source
Sink
20
20
15
15
36
40
mA
GBP
Gain Bandwidth Product
AVCL = 100, RL = 600Ω, CL = 15pF, f = 7.5MHz
90
150
MHz
fT
Transition Frequency
90
MHz
SR
Slew Rate
Vin = -2 to +2V, AVCL = +1, RL = 600Ω, CL = 15pF
62
110
V/
µs
en
Equivalent Input Voltage Noise Rs = 50Ω, f = 1kHz
4.2
nV/
√Hz
φm
Phase Margin AVM = +1
35
Degrees
VO1/VO2 Channel Seperation f = 1MHz to 10MHz
65
dB
Gf
Gain Flatness f = DC to 6MHz, AVCL = 10dB
0.1
dB
THD
Total Harmonic Distortion f = 1kHz, Vo = ±2.5V, RL = 600Ω
0.01
%
∆G
Differential Gain f = 3.58MHz, AVCL = +2, RL = 150Ω
0.03
%
∆ϕ
Differential Phase f = 3.58MHz, AVCL = +2, RL = 150Ω
0.07
Degree



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com