Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF574 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF574 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BLF574 Datasheet HTML 9Page - NXP Semiconductors BLF574 Datasheet HTML 10Page - NXP Semiconductors BLF574 Datasheet HTML 11Page - NXP Semiconductors BLF574 Datasheet HTML 12Page - NXP Semiconductors BLF574 Datasheet HTML 13Page - NXP Semiconductors BLF574 Datasheet HTML 14Page - NXP Semiconductors BLF574 Datasheet HTML 15Page - NXP Semiconductors BLF574 Datasheet HTML 16Page - NXP Semiconductors BLF574 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BLF574_1
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 01 — 8 December 2008
13 of 18
NXP Semiconductors
BLF574
HF / VHF power LDMOS transistor
8.2.3 Test circuit
[1]
American Technical Ceramics type 100B or capacitor of same quality.
Table 10.
List of components
For production test circuit, see Figure 15 and Figure 16.
Printed-Circuit Board (PCB): Rogers 5880;
εr = 2.2 F/m; height = 0.79 mm; Cu (top/bottom
metallization); thickness copper plating = 35
µm.
Component Description
Value
Remarks
C1, C2,
C20, C21
multilayer ceramic chip capacitor
100 pF
[1]
C3
multilayer ceramic chip capacitor
24 pF
[1]
C4,C5
multilayer ceramic chip capacitor
39 pF
[1]
C6, C7,
C10, C11
multilayer ceramic chip capacitor
1 nf
[1]
C8, C9
multilayer ceramic chip capacitor
4.7
µF
[1]
TDK4532X7R1E475Mt020U
C12, C13
electrolytic capacitor
220
µF; 63 V
C14, C15
multilayer ceramic chip capacitor
47 pf
[1]
C16
multilayer ceramic chip capacitor
33 pF
[1]
C17
multilayer ceramic chip capacitor
18 pF
[1]
C18, C19
multilayer ceramic chip capacitor
10 pF
[1]
C22
multilayer ceramic chip capacitor
15 pF
[1]
C23, C24
multilayer ceramic chip capacitor
62 pF
[1]
L1, L2,
L3, L4
3 turns 1 mm copper wire
D = 3 mm;
length = 2 mm
L5, L6
stripline
-
(L
× W) 125 mm × 7mm
L7, L8,
L9, L10
stripline
-
(L
× W) 8 mm × 15 mm
L11, L12
stripline
-
(L
× W) 132 mm × 7mm
R1, R2
metal film resistor
10
Ω; 0.6 W
R3, R4
metal film resistor
3
Ω; 0.6 W
T1, T2,
T3, T4
semi rigid coax
50
Ω; 120 mm
EZ-141-AL-TP-M17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com