Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA659IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA659IDBVT
Description  Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA659IDBVT Datasheet HTML 1Page - Texas Instruments OPA659IDBVT Datasheet HTML 2Page - Texas Instruments OPA659IDBVT Datasheet HTML 3Page - Texas Instruments OPA659IDBVT Datasheet HTML 4Page - Texas Instruments OPA659IDBVT Datasheet HTML 5Page - Texas Instruments OPA659IDBVT Datasheet HTML 6Page - Texas Instruments OPA659IDBVT Datasheet HTML 7Page - Texas Instruments OPA659IDBVT Datasheet HTML 8Page - Texas Instruments OPA659IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OP
A659
1
FEATURES
DESCRIPTION
APPLICATIONS
TRANSIMPEDANCEGAIN
vsFREQUENCY(C =22pF)
D
130
120
110
100
90
80
70
60
50
40
100k
1M
10M
100M
Frequency(Hz)
R =1M ,C =Open
F
F
W
R =1k ,C =4.7pF
F
F
W
R =10k ,
C =Open
F
F
W
R =10k ,C =1.5pF
F
F
W
R =100k ,C =Open
F
F
W
R =100k ,
C =0.5pF
F
F
W
R =1k ,C =Open
F
F
W
OPA659
+6V
R
OUT
0.1 F
m
10 F
m
0.1 F
m
10 F
m
-
6V
50
Load
W
I
D
C
D
C
F
V
OUT
R
F
Photo
Diode
-
V
B
l
OPA659
www.ti.com........................................................................................................................................................................................... SBOS342 – DECEMBER 2008
Wideband, Unity-Gain Stable, JFET-Input
OPERATIONAL AMPLIFIER
2
• HIGH BANDWIDTH: 650MHz (G = +1V/V)
The OPA659 combines a very wideband, unity-gain
stable, voltage-feedback operational amplifier with a
• HIGH SLEW RATE: 2550V/µs (4V Step)
JFET-input stage to offer an ultra-high dynamic range
• EXCELLENT THD: –78dBc at 10MHz
amplifier
for
high
impedance
buffering
in
data
• LOW INPUT VOLTAGE NOISE: 8.9nV/√Hz
acquisition
applications
such
as
oscilloscope
• FAST OVERDRIVE RECOVERY: 8ns
front-end amplifiers and machine vision applications
such as photodiode transimpedance amplifiers used
• FAST SETTLING TIME (1% 4V Step): 8ns
in wafer inspection.
• LOW INPUT OFFSET VOLTAGE: ±1mV
The
wide
650MHz
unity-gain
bandwidth
is
• LOW INPUT BIAS CURRENT: ±10pA
complemented by a very high 2550V/
µs slew rate.
• HIGH OUTPUT CURRENT: 70mA
The high input impedance and low bias current
provided by the JFET input are supported by the low
8.9nV/
√Hz input voltage noise to achieve a very low
• HIGH-IMPEDANCE DATA ACQUISITION INPUT
integrated
noise
in
wideband
photodiode
AMPLIFIER
transimpedance applications.
• HIGH-IMPEDANCE OSCILLOSCOPE INPUT
Broad transimpedance bandwidths are possible with
AMPLIFIER
the high 350MHz gain bandwidth product of this
• WIDEBAND PHOTODIODE TRANSIMPEDANCE
device.
AMPLIFIER
Where lower speed with lower quiescent current is
• WAFER SCANNING EQUIPMENT
required, consider the OPA656. Where unity-gain
stability is not required, consider the OPA657.
RELATED
OPERATIONAL AMPLIFIER
PRODUCTS
VOLTAGE
SLEW
BW
VS
RATE
NOISE
AMPLIFIER
DEVICE
(V)
(MHz)
(V/
µs)
(nV/
√Hz)
DESCRIPTION
Unity-Gain
OPA356
+5
200
300
5.80
Stable CMOS
Fixed Gain of
OPA653
±6
500
2675
6.1
+2V/V
JFET-Input
Unity-Gain
OPA656
±5
500
290
7
Stable
JFET-Input
Gain of +7
OPA657
±5
1600
700
4.8
Stable
JFET-Input
Unity-Gain
OPA627
±15
16
55
4.5
Stable
DI-FET-Input
Unity-Gain
THS4631
±15
105
900
7
Stable
JFET-Input
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA659IDBVT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA659IDBVT NSC-OPA659IDBVT Datasheet
1Mb / 32P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659IDBVT TI1-OPA659IDBVT Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
More results

Similar Description - OPA659IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Texas Instruments
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com