Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4872MDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4872MDREP
Description  4:1 HIGH-SPEED MULTIPLEXER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4872MDREP Datasheet(HTML) 4 Page - Texas Instruments

  OPA4872MDREP Datasheet HTML 1Page - Texas Instruments OPA4872MDREP Datasheet HTML 2Page - Texas Instruments OPA4872MDREP Datasheet HTML 3Page - Texas Instruments OPA4872MDREP Datasheet HTML 4Page - Texas Instruments OPA4872MDREP Datasheet HTML 5Page - Texas Instruments OPA4872MDREP Datasheet HTML 6Page - Texas Instruments OPA4872MDREP Datasheet HTML 7Page - Texas Instruments OPA4872MDREP Datasheet HTML 8Page - Texas Instruments OPA4872MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±5 V
OPA4872-EP
SBOS444 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
At TA = +25°C, G = +2 V/V, RF = 523 Ω, and RL = 150 Ω, unless otherwise noted.
MIN/MAX OVER
TYP
TEMPERATURE
–55°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
+125°C
(3)
UNITS
MAX
LEVEL
(1)
AC PERFORMANCE
Small-signal bandwidth
VO = 500 mVPP, RL = 150 Ω
500
MHz
min
B
Bandwidth for 0.1 dB flatness
VO = 500 mVPP, RL = 150 Ω
120
MHz
typ
C
Large-signal bandwidth
VO = 2 VPP, RL = 150 Ω
500
MHz
min
B
Slew rate
4 V step
2300
V/
µs
min
B
Rise time and fall time
4 V step
1.25
ns
max
B
Settling time
to 0.05%
2 V step
15
ns
typ
C
to 0.1%
2 V step
14
ns
max
B
Channel switching time
10
ns
max
B
Harmonic distortion
G = +2 V/V, f = 10 MHz, VO = 2 VPP
2nd-harmonic
RL = 150 Ω
-60
dBc
max
B
3rd-harmonic
RL = 150 Ω
-78
dBc
max
B
Input voltage noise
f > 100 kHz
4.5
nV/
√Hz
max
B
Noninverting input current noise
f > 100 kHz
4.0
pA/
√Hz
max
B
Inverting input current noise
f > 100 kHz
19
pA/
√Hz
max
B
Differential gain
G = +2 V/V, PAL, VO = 1.4 VP
0.035
%
typ
C
Differential phase
G = +2 V/V, PAL, VO = 1.4 VP
0.005
°
typ
C
All hostile crosstalk, input-referred
Three channels driven at 5 MHz, 1 VPP
-80
dB
typ
C
Three channels driven at 30 MHz, 1 VPP
-66
dB
typ
C
DC PERFORMANCE
Open-loop transimpedance (ZOL)
VO = 0 V, RL = 100 Ω
103
92
60
k
Ω
min
A
Input offset voltage
VCM = 0 V
±1
±5
±10.5
mV
max
A
Average Input offset voltage drift
VCM = 0 V
±30
µV/°C
max
B
Input offset voltage matching
VCM = 0 V
±1
±5
±10.5
mV
max
A
Noninverting input bias current
VCM = 0 V
±4
±14
±20
µA
max
A
Average noninverting input bias current
VCM = 0 V
±48
nA/°C
max
B
Inverting bias current
VCM = 0 V
±4
±18
±35
µA
max
A
Average inverting input bias current
VCM = 0 V
±125
nA/°C
max
B
INPUT
Common-mode input range (CMIR)
Each noninverting input
±2.7
±2.55
±2.4
V
min
A
Common-mode rejection ratio (CMRR)
VCM = 0 V, input-referred, noninverting input
56
50
43
dB
min
A
Input resistance
Noninverting
Channel enabled
2.5
M
Ω
typ
C
Inverting
open loop
70
Ω
typ
C
Input capacitance
Noninverting
Channel selected
0.9
pF
typ
C
Channel deselected
0.9
pF
typ
C
Chip disabled
0.9
pF
typ
C
OUTPUT
Output voltage swing
RL ≥ 1 kΩ
±4
±3.9
±3.55
V
min
A
RL = 150 Ω
±3.7
±3.55
±3.35
V
min
A
Output current
VO = 0 V
±75
±48
±38
mA
min
A
Short-circuit output current
Output shorted to ground
±100
mA
typ
C
Closed-Loop output impedance
G = +2 V/V, f
≤ 100 kHz
0.03
Ω
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +9°C at high temperature limit for over
temperature specifications.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4872-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com