Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2210 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2210
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2210 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2210 Datasheet HTML 4Page - NXP Semiconductors LPC2210 Datasheet HTML 5Page - NXP Semiconductors LPC2210 Datasheet HTML 6Page - NXP Semiconductors LPC2210 Datasheet HTML 7Page - NXP Semiconductors LPC2210 Datasheet HTML 8Page - NXP Semiconductors LPC2210 Datasheet HTML 9Page - NXP Semiconductors LPC2210 Datasheet HTML 10Page - NXP Semiconductors LPC2210 Datasheet HTML 11Page - NXP Semiconductors LPC2210 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
LPC2210_2220_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 December 2008
8 of 50
NXP Semiconductors
LPC2210/2220
16/32-bit ARM microcontrollers
5.2 Pin description
Table 4.
Pin description
Symbol
Pin (LQFP)
Pin (TFBGA) Type
Description
P0.0 to P0.31
I/O
Port 0: Port 0 is a 32-bit bidirectional I/O port with individual
direction controls for each bit. The operation of port 0 pins
depends upon the pin function selected via the Pin Connect
Block.
Pins 26 and 31 of port 0 are not available.
P0.0/TXD0/
PWM1
42[1]
L4[1]
O
TXD0 — Transmitter output for UART0.
O
PWM1 — Pulse Width Modulator output 1.
P0.1/RXD0/
PWM3/EINT0
49[2]
K6[2]
I
RXD0 — Receiver input for UART0.
O
PWM3 — Pulse Width Modulator output 3.
I
EINT0 — External interrupt 0 input
P0.2/SCL/
CAP0.0
50[3]
L6[3]
I/O
SCL — I2C-bus clock input/output. Open-drain output (for
I2C-bus compliance).
I
CAP0.0 — Capture input for Timer 0, channel 0.
P0.3/SDA/
MAT0.0/EINT1
58[3]
M8[3]
I/O
SDA — I2C-bus data input/output. Open-drain output (for
I2C-bus compliance).
O
MAT0.0 — Match output for Timer 0, channel 0.
I
EINT1 — External interrupt 1 input.
P0.4/SCK0/
CAP0.1
59[1]
L8[1]
I/O
SCK0 — Serial clock for SPI0. SPI clock output from master
or input to slave.
I
CAP0.1 — Capture input for Timer 0, channel 1.
P0.5/MISO0/
MAT0.1
61[1]
N9[1]
I/O
MISO0 — Master In Slave OUT for SPI0. Data input to SPI
master or data output from SPI slave.
O
MAT0.1 — Match output for Timer 0, channel 1.
P0.6/MOSI0/
CAP0.2
68[1]
N11[1]
I/O
MOSI0 — Master Out Slave In for SPI0. Data output from SPI
master or data input to SPI slave.
I
CAP0.2 — Capture input for Timer 0, channel 2.
P0.7/SSEL0/
PWM2/EINT2
69[2]
M11[2]
I
SSEL0 — Slave Select for SPI0. Selects the SPI interface as
a slave.
O
PWM2 — Pulse Width Modulator output 2.
I
EINT2 — External interrupt 2 input.
P0.8/TXD1/
PWM4
75[1]
L12[1]
O
TXD1 — Transmitter output for UART1.
O
PWM4 — Pulse Width Modulator output 4.
P0.9/RXD1/
PWM6/EINT3
76[2]
L13[2]
I
RXD1 — Receiver input for UART1.
O
PWM6 — Pulse Width Modulator output 6.
I
EINT3 — External interrupt 3 input.
P0.10/RTS1/
CAP1.0
78[1]
K11[1]
O
RTS1 — Request to Send output for UART1.
I
CAP1.0 — Capture input for Timer 1, channel 0.
P0.11/CTS1/
CAP1.1
83[1]
J12[1]
I
CTS1 — Clear to Send input for UART1.
I
CAP1.1 — Capture input for Timer 1, channel 1.
P0.12/DSR1/
MAT1.0
84[1]
J13[1]
I
DSR1 — Data Set Ready input for UART1.
O
MAT1.0 — Match output for Timer 1, channel 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com