Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2220 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2220
Description  16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2220 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2220 Datasheet HTML 1Page - NXP Semiconductors LPC2220 Datasheet HTML 2Page - NXP Semiconductors LPC2220 Datasheet HTML 3Page - NXP Semiconductors LPC2220 Datasheet HTML 4Page - NXP Semiconductors LPC2220 Datasheet HTML 5Page - NXP Semiconductors LPC2220 Datasheet HTML 6Page - NXP Semiconductors LPC2220 Datasheet HTML 7Page - NXP Semiconductors LPC2220 Datasheet HTML 8Page - NXP Semiconductors LPC2220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1.
General description
The LPC2210/2220 microcontrollers are based on a 16/32-bit ARM7TDMI-S CPU with
real-time emulation and embedded trace support. For critical code size applications, the
alternative 16-bit Thumb mode reduces code by more than 30 % with minimal
performance penalty.
With their 144-pin package, low power consumption, various 32-bit timers, 8-channel
10-bit ADC, PWM channels, and up to nine external interrupt pins these microcontrollers
are particularly suitable for industrial control, medical systems, access control and
point-of-sale. The LPC2210/2220 can provide up to 76 GPIOs depending on bus
configuration. With a wide range of serial communications interfaces, it is also very well
suited for communication gateways, protocol converters and embedded soft modems as
well as many other general-purpose applications.
Remark: Throughout the data sheet, the term LPC2210/2220 will apply to devices with
and without the /01 suffix. The /01 suffix will be used to differentiate LPC2210 devices only
when necessary.
2.
Features
2.1 Key features
I 16/32-bit ARM7TDMI-S microcontroller in a LQFP144 and TFBGA144 package.
I 16/64 kB on-chip static RAM (LPC2210/2220).
I Serial bootloader using UART0 provides in-system download and programming
capabilities.
I EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with the
on-chip RealMonitor software as well as high-speed real-time tracing of instruction
execution.
I Eight channel 10-bit ADC with conversion time as low as 2.44 µs.
N LPC2210/01 and LPC2220 only: Dedicated result registers for ADC(s) reduce
interrupt overhead. The ADC pads are 5 V tolerant when configured for digital I/O
function(s).
I Two 32-bit timers (LPC2220 and LPC2210/01 also external event counters) with four
capture and four compare channels, PWM unit (six outputs), Real-Time Clock (RTC),
and watchdog.
I Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s) and
two SPIs.
N LPC2210/01 and LPC2220 only: A Synchronous Serial Port (SSP) with data
buffers and variable length transfers can be selected to replace one SPI.
LPC2210/2220
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC
and external memory interface
Rev. 06 — 11 December 2008
Product data sheet


Similar Part No. - LPC2220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2220 PHILIPS-LPC2220 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2220 NXP-LPC2220 Datasheet
253Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
Rev. 04-2 October 2007
LPC2220FBD144 PHILIPS-LPC2220FBD144 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2220FET144 PHILIPS-LPC2220FET144 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
More results

Similar Description - LPC2220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2220 PHILIPS-LPC2220 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210 NXP-LPC2210 Datasheet
253Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
Rev. 04-2 October 2007
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com