Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2292 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2292 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 45Page - NXP Semiconductors LPC2292 Datasheet HTML 46Page - NXP Semiconductors LPC2292 Datasheet HTML 47Page - NXP Semiconductors LPC2292 Datasheet HTML 48Page - NXP Semiconductors LPC2292 Datasheet HTML 49Page - NXP Semiconductors LPC2292 Datasheet HTML 50Page - NXP Semiconductors LPC2292 Datasheet HTML 51Page - NXP Semiconductors LPC2292 Datasheet HTML 52Page - NXP Semiconductors LPC2292 Datasheet HTML 53Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
LPC2292_2294_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 7 — 4 December 2008
51 of 53
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
12. Revision history
Table 15.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
LPC2292_2294_7
20081204
Product data sheet
-
LPC2292_2294_6
Modifications:
• Figure 1 “Block diagram”: corrected high-speed GPIO ports 48 pins; P0/P1 only.
• Figure 24 “External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)”: removed
figure note row “VDD = 1.8 V”, updated graphic.
• Table 4 “Pin description”: pad descriptions corrected for pins P2[30], P2[31], P3[28], P3[30],
P3[31].
• Table 5 “Interrupt sources”: CAN and UART0/1 interrupt sources corrected.
• Table 7 “Static characteristics”: Vhys, moved 0.4 from Typ to Min column.
• Maximum frequency fosc for external oscillator and external crystal updated.
• Changed SOT569-1 to SOT569-2.
• Added overbar to indicate LOW-active for BLSn, CSn, OE, and WE
LPC2292_2294_6
20071210
Product data sheet
-
LPC2292_2294_5
Modifications:
• Type number LPC2292FBD144/01 has been added.
• Type number LPC2292FET144/01 has been added.
• Type number LPC2294HBD144/01 has been added.
• Details introduced with /01 devices on new peripherals/features (Fast I/O ports, SSP, CRP)
and enhancements to existing ones (UART0/1, Timers, ADC, and SPI) added.
• Power consumption measurements for LPC2292/2294/01 added.
• Description of JTAG pin TCK has been updated.
LPC2292_2294_5
20070215
Product data sheet
-
LPC2292_2294_4
LPC2292_2294_4
20060711
Product data sheet
-
LPC2292_2294_3
LPC2292_2294_3
20051101
Product data sheet
-
LPC2292_2294-02
LPC2292_2294-02
20041223
Product data
-
LPC2292_2294-01
LPC2292_2294-01
20040205
Preliminary data
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com