Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZXVDL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMBZXVDL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZXVDL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMBZXVDL Datasheet HTML 5Page - NXP Semiconductors MMBZXVDL Datasheet HTML 6Page - NXP Semiconductors MMBZXVDL Datasheet HTML 7Page - NXP Semiconductors MMBZXVDL Datasheet HTML 8Page - NXP Semiconductors MMBZXVDL Datasheet HTML 9Page - NXP Semiconductors MMBZXVDL Datasheet HTML 10Page - NXP Semiconductors MMBZXVDL Datasheet HTML 11Page - NXP Semiconductors MMBZXVDL Datasheet HTML 12Page - NXP Semiconductors MMBZXVDL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MMBZXVCL_MMBZXVDL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2008
9 of 15
NXP Semiconductors
MMBZxVCL; MMBZxVDL series
Double ESD protection diodes for transient overvoltage suppression
f = 1 MHz; Tamb =25 °C
(1) MMBZ15VDL: unidirectional
(2) MMBZ15VDL: bidirectional
(3) MMBZ27VCL: unidirectional
(4) MMBZ27VCL: bidirectional
MMBZ27VCL: VRWM =22V
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Reverse leakage current as a function of
junction temperature; typical values
Fig 7.
V-I characteristics for a unidirectional
ESD protection diode
Fig 8.
V-I characteristics for a bidirectional
ESD protection diode
VR (V)
025
20
10
15
5
006aab328
40
60
20
80
100
Cd
(pF)
0
(1)
(2)
(3)
(4)
006aab329
10−1
10−2
10
1
102
IRM
(nA)
10−3
Tamb (°C)
−75
175
125
25
75
−25
006aab324
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
−
+
−IPPM
006aab325
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
−
+
IPPM
−IPPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com