Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM108 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSM108
Description  AUTOMOTIVE SWITCH MODE VOLTAGE AND CURRENT CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM108 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSM108 Datasheet HTML 3Page - STMicroelectronics TSM108 Datasheet HTML 4Page - STMicroelectronics TSM108 Datasheet HTML 5Page - STMicroelectronics TSM108 Datasheet HTML 6Page - STMicroelectronics TSM108 Datasheet HTML 7Page - STMicroelectronics TSM108 Datasheet HTML 8Page - STMicroelectronics TSM108 Datasheet HTML 9Page - STMicroelectronics TSM108 Datasheet HTML 10Page - STMicroelectronics TSM108 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TSM108
7/13
obtain the best compromise between electrical
noise, and size of the filtering self.
An external capacitor is to be connected between
ground and the Osc pin of TSM108 to set the
switching frequency.
The maximum duty cycle of the PWM function is
limited to 95% in order to ensure safe driving of
the MOSFET.
5. Gate Drive
The Gate Drive stage is directly commanded from
the PWM output signal. The Gate Drive stage is a
Push Pull Mosfet stage which bears different On
resistances in order to ensure a slower turn ON
than turn OFF of the P-Channel MOSFET. The
values of the output Gate Drive currents are given
by Isink (switch ON) and Isource (switch OFF).
The Gate Drive stage bears an integrated voltage
clamp which will prevent the P-Channel MOSFET
gate to be driven with voltages higher than 15V
(acting like a zener diode between Vcc and GD
(Gate Drive) pin.
6. Under Voltage Lock-Out, Over Voltage
Lock-Out
The UVLO and OVLO security functions aim at the
global application security.
When the Power supply decreases, there is the
inherent risk to drive the P-Channel MOSFET with
insufficient Gate voltage, and therefore to lead the
MOSFET
to
linear
operation,
and
to
its
destruction.
The UVLO is an input power supply voltage
detection which imposes a complete switch OFF
of the P-Channel MOSFET as soon as the Power
Supply decreases below UV. To avoid unwanted
oscillation of the MOSFET, a fixed hysteresis
margin is integrated (UVhyst).
UVLO is internally programmed to ensure 8V min
and 9V max, but the middle point of the integrated
resistor bridge is accessible and the value of the
UVLO is therefore adjustable by adding an
external resistor to modify the bridge ratio. The
resistor typical values of the bridge are given
(Ruvh, Ruvl).
When the Power supply increases, there is the
inherent risk to dissipate too much conduction
energy through the P-Channel MOSFET, and
therefore to lead to its destruction.
The OVLO is an input power supply voltage
detection which imposes a complete switch OFF
of the P-Channel MOSFET as soon as the Power
Supply increases above OV. To avoid unwanted
oscillation of the MOSFET, a fixed hysteresis
margin is integrated (OV
hyst).
OVLO is internally programmed to ensure 32V
min. and 33V max., but the middle point of the
integrated resistor bridge is accessible and the
value of the OVLO is therefore adjustable by
adding an external resistor to modify the bridge
ratio.
The resistor typical values of the bridge are given
(R
ovh, Rovl).
Examples:
Let’s suppose that the internally set value of the
UVLO and / or OVLO level should be modified in a
specific
application,
or
under
specific
requirements.
6.1. UVLO decrease:
If the UVLO level needs to be lowered (UV1), an
additional resistor (Ruvh1) must be connected
between UV and Vcc following the equation:
u UV = Vref (Ruvh/Ruvl +1)
u UV1 = Vref ((Ruvh//Ruvh1)/Ruvl +1)
(i)
where Ruvh//Ruvh1 means that Ruvh1 is in
parallel to Ruvh
Solving i. we obtain:
u Ruvh1 = Ruvl x Ruvh (UV1 - Vref) / (Vref x
Ruvh - Ruvl (UV1 - Vref))
As an example, if UV1 needs to be set to 6V,
Ruvh1 = 256k
6.2. UVLO increase:
If the UVLO level needs to be increased (UV2), an
additional resistor (Ruvl2) must be connected
between UV and Gnd following the equation.
u UV = Vref (Ruvh/Ruvl +1)
u UV1 = Vref (Ruvh/(Ruvl//Ruvl2) +1)
(ii)
where Ruvl//Ruvl2 means that Ruvl2 is in parallel
to Ruvl
Solving ii. we obtain:
u Ruvl2 = Vref x Ruvh Ruvl / (UV2 x Ruvl -
Vref x (Ruvh + Ruvl))
As an example, if UV2 needs to be set to 12V,
Ruvl2 = 132k
6.3. OVLO decrease:
If the OVLO level needs to be lowered (OV1), an
additional resistor (Rovh1) must be connected
between OV and Vcc following the equation:
u OV = Vref (Rovh/Rovl +1)
u OV1 = Vref ((Rovh//Rovh1)/Rovl +1)
(iii)
where Rovh//Rovh1 means that Rovh1 is in
parallel to Rovh
Solving iii. we obtain:
u Rovh1 = Rovl x Rovh (OV1 - Vref) / (Vref x
Rovh - Rovl (OV1 - Vref))
As an example, if OV1 needs to be set to 25V,
Rovh1 = 867k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com