Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0885 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0885
Description  3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0885 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0885 Datasheet HTML 1Page - ATMEL Corporation ATR0885 Datasheet HTML 2Page - ATMEL Corporation ATR0885 Datasheet HTML 3Page - ATMEL Corporation ATR0885 Datasheet HTML 4Page - ATMEL Corporation ATR0885 Datasheet HTML 5Page - ATMEL Corporation ATR0885 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
4923CS–DVD–02/08
ATR0885 [Preliminary]
7.
Package Information
8.
Revision History
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR0885-PFQW
Green QFN24 (4 mm
× 4 mm)
Taped and reeled
Package: QFN 24 - 4 x 4
Exposed pad 2.6 x 2.6
(acc. JEDEC OUTLINE No. MO - 220)
Dimensions in mm
specifications
according to DIN
technical drawings
0.9±0.1
0.05-0.05
0.5 nom.
4
7
12
18
24
13
1
6
1
6
24
19
+0
Not indicated tolerances ±0.05
Issue: 1; 03.06.05
Drawing-No.: 6.543-5101.02-4
2.6
2.5
Please note that the following page numbers referred to in this section refer to the specific revision
mentioned, not to this document.
Revision No.
History
4923CC-DVD-02/08
• Put datasheet in a new template
• Pin Description table (page 3): Function of Pin 2 and 3 changed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com