Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0874 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0874
Description  10-channel High Speed Photo Detector IC for DVD/CD
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0874 Datasheet(HTML) 6 Page - ATMEL Corporation

  ATR0874 Datasheet HTML 1Page - ATMEL Corporation ATR0874 Datasheet HTML 2Page - ATMEL Corporation ATR0874 Datasheet HTML 3Page - ATMEL Corporation ATR0874 Datasheet HTML 4Page - ATMEL Corporation ATR0874 Datasheet HTML 5Page - ATMEL Corporation ATR0874 Datasheet HTML 6Page - ATMEL Corporation ATR0874 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
4972AS–DVD–04/07
ATR0874 [Preliminary]
7.
Package Information
6.
Ordering Information
Extended Type Number
Package
Remarks
ATR0874-PZQW
QFN_OPEN_4x3.5_16L
Taped and reeled, Pb-free
Package: QFN_OPEN_4x3.5_16L
Dimensions in mm
0±0.0508 (Pd Center to Pkg Center)
Top View
A1 Corner
1
A1 Corner
Bottom View
Side View
89
0.25
116
16
15
14
13
12
9
10
11
1
2
3
4
5
8
7
6
specifications
according to DIN
technical drawings
0.9±0.1
0.4±0.1
3.5±0.15
Issue: 1; 02.03.05
Drawing-No.: 6.543-5116.01-4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com