Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5025AIDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5025AIDRG4
Description  Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5025AIDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  REF5025AIDRG4 Datasheet HTML 1Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 2Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 3Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 4Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 5Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 6Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 7Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 8Page - Texas Instruments REF5025AIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0Vto4V
+5V
+5V
V
DD
GND
C
BYPASS
1 F
m
R
1
50W
C
1
1.2nF
C
2
22 F
m
1
2
3
4
8
7
6
5
DNC
(1)
NC
(2)
TRIM/NR
DNC
(1)
V
IN
TEMP
GND
V
OUT
REF50xx
SO-8,MSOP-8
(3)
(1)DNC=Donotconnect.
(2)NC=Nointernalconnection.
(3)ContactaTIsalesrepresentativeforinformation
regardingMSOP-8(DGK)packageavailability.
NOTES:
REF5010,, REF5020
REF5025, REF5030
REF5040, REF5045, REF5050
www.ti.com.................................................................................................................................................. SBOS410C – JUNE 2007 – REVISED DECEMBER 2008
Low-Noise, Very Low Drift, Precision
VOLTAGE REFERENCE
2
• LOW TEMPERATURE DRIFT:
The REF50xx is a family of low-noise, low-drift, very
high precision voltage references. These references
–
High-Grade: 3ppm/°C (max)
are capable of both sinking and sourcing, and are
–
Standard-Grade: 8ppm/°C (max)
very robust with regard to line and load changes.
• HIGH ACCURACY:
Excellent
temperature
drift
(3ppm/°C)
and
high
–
High-Grade: 0.05% (max)
accuracy (0.05%) are achieved using proprietary
–
Standard-Grade: 0.1% (max)
design techniques. These features, combined with
very-low noise make the REF50xx family ideal for use
• LOW NOISE: 3µV
PP/V
in high-precision data acquisition systems.
• HIGH OUTPUT CURRENT: ±10mA
Each reference voltage is available in both standard-
• TEMPERATURE RANGE: –40°C to +125°C
and
high-grade
versions.
They
are
offered
in
MSOP-8(3) and SO-8 packages, and are specified
from –40°C to +125°C.
• 16-BIT DATA ACQUISITION SYSTEMS
• ATE EQUIPMENT
REF50xx Family
• INDUSTRIAL PROCESS CONTROL
MODEL
OUTPUT VOLTAGE
• MEDICAL INSTRUMENTATION
REF5020
2.048V
• OPTICAL CONTROL SYSTEMS
REF5025
2.5V
• PRECISION INSTRUMENTATION
REF5030
3.0V
REF5040
4.096V
REF5045
4.5V
REF5050
5.0V
REF5010
10.0V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2007–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF5025AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5025AIDRG4 BURR-BROWN-REF5025AIDRG4 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5025AIDRG4 BURR-BROWN-REF5025AIDRG4 Datasheet
610Kb / 18P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5025AIDRG4 TI-REF5025AIDRG4 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5025AIDRG4 TI-REF5025AIDRG4 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision OLTAGE REFERENCE
REF5025AIDRG4 TI-REF5025AIDRG4 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift Precision
More results

Similar Description - REF5025AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5020-EP TI1-REF5020-EP Datasheet
1Mb / 29P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com