Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2000U/10AB Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA2000U/10AB
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000U/10AB Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA2000U/10AB Datasheet HTML 20Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 21Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 22Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 23Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 24Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 25Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 26Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 27Page - NXP Semiconductors PCA2000U/10AB Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
26 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
14. Revision history
Table 16.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA2000_2001_5
20081111
Product data sheet
-
PCA2000_2001_4
Modifications:
• The format of this data sheet has been redesigned to comply with the new presentation and
information standard of NXP
• Implemented new drawings and wafer information
• Added new bare die outline drawing
PCA2000_2001_4
20050908
Product data sheet
-
PCA2000_2001_3
PCA2000_2001_3
20031217
Product data sheet
-
PCA2000_2001_2
PCA2000_2001_2
20030204
Objective specification
-
PCA2000_2001_1
PCA2000_2001_1
20020517
Preliminary specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com