Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9541 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9541
Description  2-to-1 I2C-bus master selector with interrupt logic and reset
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9541 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9541 Datasheet HTML 1Page - NXP Semiconductors PCA9541 Datasheet HTML 2Page - NXP Semiconductors PCA9541 Datasheet HTML 3Page - NXP Semiconductors PCA9541 Datasheet HTML 4Page - NXP Semiconductors PCA9541 Datasheet HTML 5Page - NXP Semiconductors PCA9541 Datasheet HTML 6Page - NXP Semiconductors PCA9541 Datasheet HTML 7Page - NXP Semiconductors PCA9541 Datasheet HTML 8Page - NXP Semiconductors PCA9541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
PCA9541_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 11 September 2008
3 of 43
NXP Semiconductors
PCA9541
2-to-1 I2C-bus master selector with interrupt logic and reset
4.
Ordering information
[1]
The PCA9541/02 version is being discontinued as of December 2007 and customers should use PCA9541/03.
5.
Marking
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Package
Name
Description
Version
PCA9541D/01
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541PW/01
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PCA9541BS/01
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads; 16 terminals;
body 4
× 4 × 0.85 mm
SOT629-1
PCA9541D/02[1]
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541PW/02[1] TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PCA9541BS/02[1]
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads; 16 terminals;
body 4
× 4 × 0.85 mm
SOT629-1
PCA9541D/03
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PCA9541PW/03
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
PCA9541BS/03
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads; 16 terminals;
body 4
× 4 × 0.85 mm
SOT629-1
Table 2.
Marking codes
Type number
Topside mark
PCA9541D/01
PCA9541D/01
PCA9541PW/01
9541/01
PCA9541BS/01
41/1
PCA9541D/02
PCA9541D/02
PCA9541PW/02
9541/02
PCA9541BS/02
41/2
PCA9541D/03
PCA9541D/03
PCA9541PW/03
9541/03
PCA9541BS/03
41/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com