Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH74CDT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH74CDT
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH74CDT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH74CDT Datasheet HTML 8Page - STMicroelectronics TSH74CDT Datasheet HTML 9Page - STMicroelectronics TSH74CDT Datasheet HTML 10Page - STMicroelectronics TSH74CDT Datasheet HTML 11Page - STMicroelectronics TSH74CDT Datasheet HTML 12Page - STMicroelectronics TSH74CDT Datasheet HTML 13Page - STMicroelectronics TSH74CDT Datasheet HTML 14Page - STMicroelectronics TSH74CDT Datasheet HTML 15Page - STMicroelectronics TSH74CDT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TSH70, 71, 72, 73, 74, 75
12/25
Standby Mode - Ton, Toff
Vcc=
±1.5V, Open Loop
Group Delay
Gain=2, Vcc=
±1.5V, ZL=150Ω//27pF, T
amb = 25
°C
Third Order Intermodulation
Gain=2, Vcc=
±1.5V, ZL=150Ω//27pF, T
amb = 25
°C
0
2E-6
4E-6
6E-6
8E-6
1E-5
Time (s)
-2
-1
0
1
2
Vout
Ton
Toff
Standby
Vin
Intermodulation products
The IFR2026 synthesizer generates a two
tones signal (F1=180kHz, F2=280kHz); each
tone having the same amplitude level.
The HP3585 spectrum analyzer measures the
intermodulation products function of the output
voltage. The generator and the spectrum ana-
lyzer are phase locked for precision consider-
ations.
Group
Delay
Gain
5.87ns
01
2
3
4
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
80kHz
380kHz
640kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com