Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2123 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 5Page - NXP Semiconductors PCF2123 Datasheet HTML 6Page - NXP Semiconductors PCF2123 Datasheet HTML 7Page - NXP Semiconductors PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors PCF2123 Datasheet HTML 10Page - NXP Semiconductors PCF2123 Datasheet HTML 11Page - NXP Semiconductors PCF2123 Datasheet HTML 12Page - NXP Semiconductors PCF2123 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
PCF2123_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 19 November 2008
9 of 54
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
9.2 Register overview
16 registers are available. The time registers are encoded in the binary coded decimal
format (BCD) to simplify application use. Other registers are either bit-wise or standard
binary.
[1]
Except in the case of software reset, see Section 9.5
Table 4.
Registers overview
Bit positions labelled as - are not implemented and will return a 0 when read. Bit positions labelled with 0 should always be
written with logic 0[1].
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
EXT_TEST
0
STOP
SR
0
12_24
CIE
0
01h
Control_2
MI
SI
MSF
TI_TP
AF
TF
AIE
TIE
02h
Seconds
OS
SECONDS (0 to 59)
03h
Minutes
-
MINUTES (0 to 59)
04h
Hours
-
-
AMPM
HOURS (1 to 12) in 12 h mode
HOURS (0 to 23) in 24 h mode
05h
Days
-
-
DAYS (1 to 31)
06h
Weekdays
-
-
-
-
-
WEEKDAYS
07h
Months
-
-
-
MONTHS (1 to 12)
08h
Years
YEARS (0 to 99)
09h
Minute_alarm
AEN_M
MINUTE_ALARM (0 to 59)
0Ah
Hour_alarm
AEN_H
-
AMPM
HOUR_ALARM (1 to 12) in 12 h mode
HOUR_ALARM (0 to 23) in 24 h mode
0Bh
Day_alarm
AEN_D
-
DAY_ALARM (1 to 31)
0Ch
Weekday_alarm
AEN_W
-
-
-
-
WEEKDAY_ALARM
0Dh
Offset_register
MODE
OFFSET
0Eh
Timer_clkout
-
COF2
COF1
COF0
TE
-
CTD1
CTD0
0Fh
Countdown_timer
COUNTDOWN_TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com