Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9701 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9701
Description  18 V tolerant SPI 16-bit/8-bit GPI with INT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9701 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9701 Datasheet HTML 1Page - NXP Semiconductors PCA9701 Datasheet HTML 2Page - NXP Semiconductors PCA9701 Datasheet HTML 3Page - NXP Semiconductors PCA9701 Datasheet HTML 4Page - NXP Semiconductors PCA9701 Datasheet HTML 5Page - NXP Semiconductors PCA9701 Datasheet HTML 6Page - NXP Semiconductors PCA9701 Datasheet HTML 7Page - NXP Semiconductors PCA9701 Datasheet HTML 8Page - NXP Semiconductors PCA9701 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
PCA9701_PCA9702_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 3 December 2008
2 of 28
NXP Semiconductors
PCA9701; PCA9702
18 V tolerant SPI 16-bit/8-bit GPI with INT
I Operating temperature range: −40 °C to +125 °C
I PCA9701 offered in SO24, TSSOP24 and HWQFN24 packages
I PCA9702 offered in TSSOP16 package
3.
Applications
I Body control modules
I Switch monitoring
I Industrial equipment
I Cellular telephones
I Emergency lighting
I SBC wake pin extension
4.
Ordering information
[1]
PCA9701PW/Q100 is AEC-Q100 compliant. Contact i2c.support@nxp.com for PPAP.
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9701D
PCA9701D
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
PCA9701HF
9701
HWQFN24 plastic thermal enhanced very very thin quad flat
package; no leads; 24 terminals; body 4
× 4 × 0.75 mm
SOT994-1
PCA9701PW
PCA9701PW TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9701PW/Q100[1]
PCA9701/Q
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
PCA9702PW
PCA9702
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com