Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK953BD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCK953BD
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953BD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCK953BD Datasheet HTML 7Page - NXP Semiconductors PCK953BD Datasheet HTML 8Page - NXP Semiconductors PCK953BD Datasheet HTML 9Page - NXP Semiconductors PCK953BD Datasheet HTML 10Page - NXP Semiconductors PCK953BD Datasheet HTML 11Page - NXP Semiconductors PCK953BD Datasheet HTML 12Page - NXP Semiconductors PCK953BD Datasheet HTML 13Page - NXP Semiconductors PCK953BD Datasheet HTML 14Page - NXP Semiconductors PCK953BD Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
13 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
16. Revision history
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCK953_5
20081009
Product data sheet
-
PCK953_4
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 2 “Features”, deleted (old) 8th bullet item
• Section 3 “Ordering information”:
– added Type number PCK953BD/G
– added paragraph following Table 1
• Table 4 “Limiting values”: removed (old) table note 1(now covered under Section 17.3
“Disclaimers”)
• Table 5 “Static characteristics”:
– changed title of this table from “DC characteristics” to “Static characteristics”
– changed symbol “Vp-p” to “Vi(p-p)”
– changed symbol/parameter “VCMR, Common mode range” to “Vcm, common-mode voltage”
– changed symbol “IIN” to “II”
– changed symbol “CIN” to “Ci”
• Table 6 “Dynamic characteristics”:
– changed title of this table from “AC characteristics” to “Dynamic characteristics”
– split “tr, tf” specification into 2 separate items, “tr(o), output rise time” and “tf(o), output fall time”
– changed symbol “tpw, output duty cycle” to “δo, output duty cycle”
– changed symbol “fMAX” to “fo(max)”
– changed symbol “tjitter” to “tjit(cc)”
– deleted (old) table note 1
• Added Section 13 “Packing information”
• Added soldering information
PCK953_4
(9397 750 11762)
20030731
Product data
ECN 853-2222 30050
dated 18 June 2003
PCK953_3
PCK953_3
(9397 750 11465)
20030502
Product data
ECN 853-2222 29827
dated 02 May 2003
PCK953_2
PCK953_2
(9397 750 08062)
20010208
Product data
ECN 853-2222 25600
dated 08 Feb 2001
PCK953_1
PCK953_1
20001025
Product data
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com