Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK953BD/G Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK953BD/G
Description  20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK953BD/G Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK953BD/G Datasheet HTML 3Page - NXP Semiconductors PCK953BD/G Datasheet HTML 4Page - NXP Semiconductors PCK953BD/G Datasheet HTML 5Page - NXP Semiconductors PCK953BD/G Datasheet HTML 6Page - NXP Semiconductors PCK953BD/G Datasheet HTML 7Page - NXP Semiconductors PCK953BD/G Datasheet HTML 8Page - NXP Semiconductors PCK953BD/G Datasheet HTML 9Page - NXP Semiconductors PCK953BD/G Datasheet HTML 10Page - NXP Semiconductors PCK953BD/G Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PCK953_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 October 2008
7 of 15
NXP Semiconductors
PCK953
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL clock driver
11.2 Driving transmission lines
The PCK953 clock driver was designed to drive high speed signals in a terminated
transmission line environment. To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance possible. With an output
impedance of less than 20
Ω, the drivers can drive either parallel or series terminated
transmission lines.
In most high performance clock networks, point-to-point distribution of signals is the
method of choice. In a point-to-point scheme either series terminated or parallel
terminated transmission lines can be used. The parallel technique terminates the signal at
the end of the line with a 50
Ω resistance to 0.5V
CC. This technique draws a fairly high
level of DC current, and thus only a single terminated line can be driven by each output of
the PCK953 clock driver. For the series terminated case, however, there is no DC current
draw, thus the outputs can drive multiple series terminated lines. Figure 4 illustrates an
output driving a single series terminated line versus two series terminated lines in parallel.
When taken to its extreme, the fan-out of the PCK953 clock driver is effectively doubled
due to its capability to drive multiple lines.
The waveform plots of Figure 5 show the simulation results of an output driving a single
line versus two lines. In both cases, the drive capability of the PCK953 output buffers is
more than sufficient to drive 50
Ω transmission lines on the incident edge. Note from the
delay measurements in the simulations, a delta of only 43 ps exists between the two
differently loaded outputs. This suggests that the dual line driving need not be used
exclusively to maintain the tight output-to-output skew of the PCK953. The output
waveform in Figure 5 shows a step in the waveform; this step is caused by the impedance
mismatch seen looking into the driver. The parallel combination of the 43
Ω series resistor
plus the output impedance does not match the parallel combination of the line
impedances. The voltage wave launched down the two lines will equal:
(1)
Zo =50 Ω|| 50 Ω
Rs =36 Ω|| 36 Ω
Ro =14 Ω
Fig 4.
Single versus dual transmission lines
Zo = 50 Ω
002aae140
Rs = 36 Ω
Zo = 50 Ω
Rs = 36 Ω
PCK953
OUTPUT BUFFER
OutB1
OutB0
14
Ω
Zo = 50 Ω
Rs = 36 Ω
PCK953
OUTPUT BUFFER
OutA
14
Ω
IN
IN
Ro
Ro
V
L
V
S
Z
o
R
s
R
o
Z
o
++
------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com