Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7S64 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
USB Device Port
DDM
USB Device Port Data -
Analog
not present on AT91SAM7S32/16
DDP
USB Device Port Data +
Analog
not present on AT91SAM7S32/16
USART
SCK0 - SCK1
Serial Clock
I/O
SCK1 not present on AT91SAM7S32/16
TXD0 - TXD1
Transmit Data
I/O
TXD1 not present on AT91SAM7S32/16
RXD0 - RXD1
Receive Data
Input
RXD1 not present on AT91SAM7S32/16
RTS0 - RTS1
Request To Send
Output
RTS1 not present on AT91SAM7S32/16
CTS0 - CTS1
Clear To Send
Input
CTS1 not present on AT91SAM7S32/16
DCD1
Data Carrier Detect
Input
not present on AT91SAM7S32/16
DTR1
Data Terminal Ready
Output
not present on AT91SAM7S32/16
DSR1
Data Set Ready
Input
not present on AT91SAM7S32/16
RI1
Ring Indicator
Input
not present on AT91SAM7S32/16
Synchronous Serial Controller
TD
Transmit Data
Output
RD
Receive Data
Input
TK
Transmit Clock
I/O
RK
Receive Clock
I/O
TF
Transmit Frame Sync
I/O
RF
Receive Frame Sync
I/O
Timer/Counter
TCLK0 - TCLK2
External Clock Inputs
Input
TCLK1 and TCLK2 not present on
AT91SAM7S32/16
TIOA0 - TIOA2
I/O Line A
I/O
TIOA2 not present on AT91SAM7S32/16
TIOB0 - TIOB2
I/O Line B
I/O
TIOB2 not present on AT91SAM7S32/16
PWM Controller
PWM0 - PWM3
PWM Channels
Output
SPI
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
SPCK
SPI Serial Clock
I/O
NPCS0
SPI Peripheral Chip Select 0
I/O
Low
NPCS1-NPCS3
SPI Peripheral Chip Select 1 to 3
Output
Low
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com