Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDF8599 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TDF8599
Description  I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TDF8599 Datasheet HTML 44Page - NXP Semiconductors TDF8599 Datasheet HTML 45Page - NXP Semiconductors TDF8599 Datasheet HTML 46Page - NXP Semiconductors TDF8599 Datasheet HTML 47Page - NXP Semiconductors TDF8599 Datasheet HTML 48Page - NXP Semiconductors TDF8599 Datasheet HTML 49Page - NXP Semiconductors TDF8599 Datasheet HTML 50Page - NXP Semiconductors TDF8599 Datasheet HTML 51Page - NXP Semiconductors TDF8599 Datasheet HTML 52Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
TDF8599_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 November 2008
48 of 52
NXP Semiconductors
TDF8599
Class-D power amplifier with load diagnostics
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
18. Abbreviations
MSL: Moisture Sensitivity Level
Fig 47. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 25.
Abbreviations
Abbreviation
Description
BCDMOS
Bipolar Complementary and double Diffused Metal-Oxide Semiconductor
BTL
Bridge-Tied Load
DCP
DC offset Protection
EMI
ElectroMagnetic Interference
I2C
Inter-Integrated Circuit
LSB
Least Significant Bit
MSB
Most Significant Bit
NDMOST
N-type double Diffused Metal-Oxide Semiconductor Transistor
OCP
OverCurrent Protection
OTP
OverTemperature Protection
OVP
OverVoltage Protection
POR
Power-On Reset
PWM
Pulse-Width Modulation
SOI
Silicon On Insulator
TFP
Thermal Foldback Protection
UVP
UnderVoltage Protection
WP
Window Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com