Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49DV8C Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS49DV8C
Description  32-bit Audio DSP Family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49DV8C Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS49DV8C Datasheet HTML 7Page - Cirrus Logic CS49DV8C Datasheet HTML 8Page - Cirrus Logic CS49DV8C Datasheet HTML 9Page - Cirrus Logic CS49DV8C Datasheet HTML 10Page - Cirrus Logic CS49DV8C Datasheet HTML 11Page - Cirrus Logic CS49DV8C Datasheet HTML 12Page - Cirrus Logic CS49DV8C Datasheet HTML 13Page - Cirrus Logic CS49DV8C Datasheet HTML 14Page - Cirrus Logic CS49DV8C Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DS868PP2
Copyright 2008 Cirrus Logic, Inc.
11
CS49DV8C Data Sheet
32-bit Audio DSP Family
5.4 Power Supply Characteristics
(Measurements performed under operating conditions.)
5.5 Thermal Data (128-Pin LQFP)
Notes: 1.Two-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz copper covering 20% of the top
and bottom layers.
2. Four-layer board is specified as a 76 mm X 114 mm, 1.6 mm thick FR-4 material with 1-oz copper covering 20% of the top
and bottom layers and 0.5-oz copper covering 90% of the internal power plane and ground plane layers.
3. To calculate the die temperature for a given power dissipation
Τj = Ambient Temperature + [ (Power Dissipation in Watts) * θja ]
4. To calculate the case temperature for a given power dissipation
Τc = Τj - [ (Power Dissipation in Watts) * ψ jt ]
Input leakage current (all digital pins with internal
pull-up resistors enabled, and XTI)
IIN-PU
--
50
μA
Parameter
Min
Typ
Max
Unit
Power supply current:
Core and I/O operating: VDD1
PLL operating: VDDA
With external memory and most ports operating: VDDIO
1.Dependent on application firmware and DSP clock speed.
-
-
-
500
3.5
120
-
-
-
mA
mA
mA
Parameter
Symbol
Min
Typ
Max
Unit
Thermal Resistance (Junction to Ambient)
Two-layer Board1
Four-layer Board2
θ
ja
-
-
48
40
-
-
°C / Watt
Thermal Resistance (Junction to Top of Package)
Two-layer Board1
Four-layer Board2
ψ
jt
-
-
.39
.33
-
-
°C / Watt
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com