Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS2100-CP Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS2100-CP
Description  Fractional-N Clock Multiplier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2100-CP Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS2100-CP Datasheet HTML 17Page - Cirrus Logic CS2100-CP Datasheet HTML 18Page - Cirrus Logic CS2100-CP Datasheet HTML 19Page - Cirrus Logic CS2100-CP Datasheet HTML 20Page - Cirrus Logic CS2100-CP Datasheet HTML 21Page - Cirrus Logic CS2100-CP Datasheet HTML 22Page - Cirrus Logic CS2100-CP Datasheet HTML 23Page - Cirrus Logic CS2100-CP Datasheet HTML 24Page - Cirrus Logic CS2100-CP Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
CS2100-CP
DS840PP1
21
5.6
Clock Output Stability Considerations
5.6.1
Output Switching
CS2100 is designed such that re-configuration of the clock routing functions do not result in a partial clock
period on any of the active outputs (CLK_OUT and/or AUX_OUT). In particular, enabling or disabling an
output, changing the auxiliary output source between REF_CLK and CLK_OUT, and the automatic dis-
abling of the output(s) during unlock will not cause a runt or partial clock period.
The following exceptions/limitations exist:
•
Enabling/disabling AUX_OUT when AuxOutSrc = 11 (unlock indicator).
•
Switching AuxOutSrc[1:0] to or from 01 (PLL clock input) and to or from 11 (unlock indicator)
(Transitions between AuxOutSrc[1:0] = [00,10] will not produce a glitch).
•
Changing the ClkOutUnl bit while the PLL is in operation.
When any of these exceptions occur, a partial clock period on the output may result.
5.6.2
PLL Unlock Conditions
Certain changes to the clock inputs and registers can cause the PLL to lose lock which will affect the pres-
ence the clock signal on CLK_OUT. The following outlines which conditions cause the PLL to go un-
locked:
•
Changes made to the registers which affect the Fraction-N value that is used by the Frequency Syn-
thesizer. This includes all the bits shown in Figure 13 on page 19.
•
Any discontinuities on the Timing Reference Clock, REF_CLK.
•
Discontinuities on the Frequency Reference Clock, CLK_IN, except when the Clock Skipping feature
is enabled and the requirements of Clock Skipping are satisfied (see “CLK_IN Skipping Mode” on
page 13).
•
Gradual changes in CLK_IN frequency greater than ±30% from the starting frequency.
•
Step changes in CLK_IN frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com