Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3011 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3011
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3011 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3011 Datasheet HTML 6Page - Cirrus Logic CS3011 Datasheet HTML 7Page - Cirrus Logic CS3011 Datasheet HTML 8Page - Cirrus Logic CS3011 Datasheet HTML 9Page - Cirrus Logic CS3011 Datasheet HTML 10Page - Cirrus Logic CS3011 Datasheet HTML 11Page - Cirrus Logic CS3011 Datasheet HTML 12Page - Cirrus Logic CS3011 Datasheet HTML 13Page - Cirrus Logic CS3011 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CS3011
CS3012
10
DS597F5
3.2
Open Loop Gain and Stability Compensation
3.2.1
Discussion
The CS3011 and CS3012 achieve ultra-high open
loop gain. Figure 15 illustrates the amplifier in a
non-inverting gain configuration. The open loop
gain and phase plots indicate that the amplifier is
stable for closed-loop gains less than 50 V/V. For
a gain of 50, the phase margin is between 40
° and
60
° depending upon the loading conditions. As
shown in Figure 16 on page 11, the op amp has an
input capacitance at the + and – signal inputs of
typically 50 pF. This capacitance adds an addition-
al pole in the loop gain transfer function at a fre-
quency of f = 1/(2
πR*Cin) where R is the parallel
combination of R1 and R2 (R1
|| R2). A higher val-
ue for R produces a pole at a lower frequency, thus
reducing the phase margin. R1 is recommended to
be less than or equal to 100 ohms, which results in
a pole at 30 MHz or higher. If a higher value of R1
is desired, a compensation capacitor (C2) should
be added in parallel with R2. C2 should be chosen
such that R2*C2
≥ R1*Cin.
R1
R2
Vin
Vo
R
S
Figure 15. Non-Inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com