Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3012 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS3012
Description  Precision Low-voltage Amplifier; DC to 1 kHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3012 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS3012 Datasheet HTML 10Page - Cirrus Logic CS3012 Datasheet HTML 11Page - Cirrus Logic CS3012 Datasheet HTML 12Page - Cirrus Logic CS3012 Datasheet HTML 13Page - Cirrus Logic CS3012 Datasheet HTML 14Page - Cirrus Logic CS3012 Datasheet HTML 15Page - Cirrus Logic CS3012 Datasheet HTML 16Page - Cirrus Logic CS3012 Datasheet HTML 17Page - Cirrus Logic CS3012 Datasheet HTML 18Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CS3011
CS3012
DS597F5
15
4. ORDERING INFORMATION
5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model
Temperature
Package
CS3011-IS
-40 to +85 °C
8-pin SOIC
CS3011-ISZ (lead free)
CS3012-IS
CS3012-ISZ (lead free)
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS3011-IS
240 °C
2365 Days
CS3011-ISZ (lead free)
260 °C
CS3012-IS
240 °C
CS3012-ISZ (lead free)
260 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com