Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3301A Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS3301A
Description  Low-noise, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3301A Datasheet(HTML) 3 Page - Cirrus Logic

  CS3301A Datasheet HTML 1Page - Cirrus Logic CS3301A Datasheet HTML 2Page - Cirrus Logic CS3301A Datasheet HTML 3Page - Cirrus Logic CS3301A Datasheet HTML 4Page - Cirrus Logic CS3301A Datasheet HTML 5Page - Cirrus Logic CS3301A Datasheet HTML 6Page - Cirrus Logic CS3301A Datasheet HTML 7Page - Cirrus Logic CS3301A Datasheet HTML 8Page - Cirrus Logic CS3301A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS3301A
DS757F1
3
1.
CHARACTERISTICS AND SPECIFICATIONS
Min / Max characteristics and specifications are guaranteed over the Specified Operating Conditions.
Typical performance characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
GND = 0 V. Single-ended voltages with respect to GND, differential voltages with respect to opposite half.
Device is connected as shown in Figure 5 on page 12 unless otherwise noted.
SPECIFIED OPERATING CONDITIONS
Notes: 1. VA- must be the most negative voltage to avoid potential SCR latch-up conditions.
2. VD must conform to Digital Supply Differential under Absolute Maximum Ratings.
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Notes: 3. Transient currents up to ±100 mA will not cause SCR latch-up.
TEMPERATURE CONDITIONS
Parameter
Symbol
Min
Nom
Max
Unit
Bipolar Power Supplies
Positive Analog
± 2%
VA+
2.45
2.50
2.55
V
Negative Analog
(Note 1) ± 2%
VA-
-2.55
-2.50
-2.45
V
Positive Digital
(Note 2) ± 3%
VD
3.20
3.30
3.40
V
Thermal
Ambient Operating Temperature
Industrial (-IS, -ISZ)
TA
-40
25
85
°C
Parameter
Symbol
Min
Max
Parameter
DC Power Supplies
Positive Analog
Negative Analog
Digital
VA+
VA-
VD
-0.5
-6.8
-0.5
6.8
0.5
6.8
V
V
V
Analog Supply Differential
[(VA+) - (VA-)]
VADIFF
-6.8
V
Digital Supply Differential
[(VD) - (VA-)]
VDDIFF
-6.8
V
Input Current, Power Supplies
(Note 3)IPWR
-±50
mA
Input Current, Any Pin Except Supplies
(Note 3)IIN
-±10
mA
Output Current
(Note 3)IOUT
-±25
mA
Power Dissipation
PD
-
500
mW
Analog Input Voltages
VINA
(VA-) - 0.5
(VA+) + 0.5
V
Digital Input Voltages
VIND
-0.5
(VD) + 0.5
V
Storage Temperature Range
TSTG
-65
150
ºC
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
TA
-40
-
85
ºC
Storage Temperature Range
TSTR
-65
-
150
ºC
Allowable Junction Temperature
TJCT
--
125
ºC
Junction to Ambient Thermal Impedance
ΘJA
-
65
-
ºC / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com