Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3302 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3302
Description  High-Z, Programmable Gain, Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3302 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3302_07 Datasheet HTML 1Page - Cirrus Logic CS3302_07 Datasheet HTML 2Page - Cirrus Logic CS3302_07 Datasheet HTML 3Page - Cirrus Logic CS3302_07 Datasheet HTML 4Page - Cirrus Logic CS3302_07 Datasheet HTML 5Page - Cirrus Logic CS3302_07 Datasheet HTML 6Page - Cirrus Logic CS3302_07 Datasheet HTML 7Page - Cirrus Logic CS3302_07 Datasheet HTML 8Page - Cirrus Logic CS3302_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
CS3302
High-Z, Programmable Gain, Differential Amplifier
Features & Description
Signal Bandwidth: DC to 2 kHz
Selectable Gain: x1, x2, x4, x8, x16, x32, x64
Differential Inputs, Differential Outputs
• Multiplexed inputs: INA, INB, 800
Ω termination
• Rough / fine charge outputs for CS5371/72
• Max signal amplitude: 5 Vpp differential
• Ultra-low input bias: < 1 pA
Excellent Noise Performance
•1
µVp-p between 0.1 Hz and 10 Hz
• 8.5 nV/
√Hz from 200 Hz to 2 kHz
Low Total Harmonic Distortion
• -118 dB THD typical (0.000126%)
• -112 dB THD maximum (0.000251%)
Low Power Consumption
• Normal / LPWR / PWDN: 5 mA, 3.3 mA, 10
µA
Single or Dual Power Supply Configurations
• VA+ = +5 V;
VA- = 0 V;
VD = +3.3 V to +5 V
• VA+ = +2.5 V; VA- = -2.5 V; VD = +3.3 V
Description
The CS3302 is a high-input-impedance, differential in-
put, differential output amplifier with programmable gain,
optimized for amplifying signals from high-impedance
sensors such as hydrophones. The gain settings are bi-
nary weighted (x1, x2, x4, x8, x16, x32, x64) and are
selected using simple pin settings. Two sets of external
inputs, INA and INB, simplify system design as inputs
from a sensor and test DAC. An internal 800
Ω termina-
tion can also be selected for noise tests.
Amplifier input impedance is very high, requiring less
than 1 pA of input current. Noise performance is very
good at 1
µVp-p between 0.1 Hz and 10 Hz, and a noise
density of 8.5 nV/
√Hz over the 200 Hz to 2 kHz band-
width. Distortion performance is also extremely good,
typically -118 dB THD. Low input current, low noise, and
low total harmonic distortion make this amplifier ideal for
high-impedance differential sensors requiring maximum
dynamic range.
ORDERING INFORMATION
See page 15.
INA+
INB+
MUX0
MUX1
INB-
INA-
VA+
VA-
VD
DGND
GUARD
OUTR+
OUTF+
GAIN0
GAIN1
GAIN2
OUTF-
OUTR-
LPWR
PWDN
+
-
-
+
500
Ω
500
Ω
500
Ω
500
Ω
640
640
640
640
DEC ‘07
DS596F3


Similar Part No. - CS3302_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3302-IS CIRRUS-CS3302-IS Datasheet
268Kb / 15P
HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A-IS CIRRUS-CS3302A-IS Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
CS3302A-ISZ CIRRUS-CS3302A-ISZ Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
More results

Similar Description - CS3302_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA102 BURR-BROWN-PGA102 Datasheet
96Kb / 8P
High Speed PROGRAMMABLE GAIN AMPLIFIER
logo
Cirrus Logic
CS3302 CIRRUS-CS3302 Datasheet
268Kb / 15P
HIGH Z PROGRAMMABLE GAIN DIFFERENTIAL AMPLIFIER
CS3301 CIRRUS-CS3301 Datasheet
266Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301 CIRRUS-CS3301_07 Datasheet
346Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3301A CIRRUS-CS3301A Datasheet
355Kb / 16P
Low-noise, Programmable Gain, Differential Amplifier
CS3302A CIRRUS-CS3302A Datasheet
376Kb / 16P
High-Z, Programmable Gain, Differential Amplifier
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
Zilog, Inc.
ZGFI7101 ZILOG-ZGFI7101 Datasheet
671Kb / 14P
High Gain Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com