Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA748 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UA748
Description  PRECISION SINGLE OPERATIONAL AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA748 Datasheet(HTML) 1 Page - STMicroelectronics

  UA748 Datasheet HTML 1Page - STMicroelectronics UA748 Datasheet HTML 2Page - STMicroelectronics UA748 Datasheet HTML 3Page - STMicroelectronics UA748 Datasheet HTML 4Page - STMicroelectronics UA748 Datasheet HTML 5Page - STMicroelectronics UA748 Datasheet HTML 6Page - STMicroelectronics UA748 Datasheet HTML 7Page - STMicroelectronics UA748 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
.
INPUT OFFSET VOLTAGE : 3mV max. OVER
TEMPERATURE
.
FREQUENCY COMPENSATION WITH A
SINGLE 30pF CAPACITOR (C1)
.
OPERATION FROM
±5V to ±15V
.
LOW POWER CONSUMPTION :
50mW AT
±15V
.
CONTINUOUS SHORT-CIRCUIT PROTEC-
TION
.
OPERATION AS A COMPARATOR WITH
DIFFERENTIAL INPUTS AS HIGH AS
±30V
.
NO LATCH-UP WHEN COMMON-MODE
RANGE IS EXCEEDED
.
SAME
PIN
CONFIGURATION
AS
THE
LM101A
DESCRIPTION
The UA748 is a general purpose operational am-
plifier built on a single silicon chip. The resulting
close match and tight thermal coupling gives low
offsets and temperature drift as well as fast recov-
ery from thermal transients.
.
Short-circuit protection
.
Offset voltage null capability
.
Large common-mode and differential voltage
ranges
.
Low power consumption
.
No latch-up
The unity-gain compensation specified makes the
circuit stable for all feedback configurations, even
with capacitive loads. However, it is possible to
optimize compensation for best high frequency
performance at any gain. The low power dissipation
permits high voltage operation and simplifies pack-
aging in full-temperature range systems.
1
2
3
4
8
6
5
7
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature
Range
Package
ND
UA748C
0
oC, +70oC
••
UA748I
-40
oC, +105oC
••
UA748M
-55
oC, +125oC
••
Example : UA748CN
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
PRECISION SINGLE OPERATIONAL AMPLIFIER
UA748
December 1997
1 - Offset null 1 / frequency
compensation
2 - Inverting input
3 - Non-inverting input
4- VCC
-
5 - Offset null 2
6 - Output
7- VCC
+
8 - Frequency compensation
1/8


Similar Part No. - UA748

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748 Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Texas Instruments
UA748C TI-UA748C Datasheet
118Kb / 8P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
UA748C STMICROELECTRONICS-UA748C Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Texas Instruments
UA748CD TI-UA748CD Datasheet
118Kb / 8P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
UA748CN STMICROELECTRONICS-UA748CN Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
More results

Similar Description - UA748

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6081 NSC-LMC6081 Datasheet
304Kb / 12P
Precision CMOS Single Operational Amplifier
logo
Analog Devices
OP777 AD-OP777 Datasheet
162Kb / 12P
Precision Micropower Single Supply Operational Amplifier
REV.0
logo
Burr-Brown (TI)
OPA1013 BURR-BROWN-OPA1013 Datasheet
165Kb / 9P
Precision, Single-Supply DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748_01 Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Agamem Microelectronic ...
AA6081 AGAMEM-AA6081 Datasheet
139Kb / 6P
Precision CMOS Single Operational Amplifier
logo
New Japan Radio
NJMOP177 NJRC-NJMOP177 Datasheet
1Mb / 18P
Single Precision Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
LMC6081 TI1-LMC6081 Datasheet
1Mb / 21P
LMC6081 Precision CMOS Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com