Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4350 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4350 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB4350 Datasheet HTML 33Page - Cirrus Logic CDB4350 Datasheet HTML 34Page - Cirrus Logic CDB4350 Datasheet HTML 35Page - Cirrus Logic CDB4350 Datasheet HTML 36Page - Cirrus Logic CDB4350 Datasheet HTML 37Page - Cirrus Logic CDB4350 Datasheet HTML 38Page - Cirrus Logic CDB4350 Datasheet HTML 39Page - Cirrus Logic CDB4350 Datasheet HTML 40Page - Cirrus Logic CDB4350 Datasheet HTML 41Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DS691F1
39
CS4350
11.PACKAGE DIMENSIONS
1. D” and “E1” are reference datums and do not included mold flash or protrusions, but do include mold
mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per
side.
2. Dimension “b” does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be
0.13 mm total in excess of “b” dimension at maximum material condition. Dambar intrusion shall not re-
duce dimension “b” by more than 0.07 mm at least material condition.
3. These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips.
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
0.043
--
--
1.10
A1
0.002
0.004
0.006
0.05
--
0.15
A2
0.03346
0.0354
0.037
0.85
0.90
0.95
b
0.00748
0.0096
0.012
0.19
0.245
0.30
2,3
D
0.303
0.307
0.311
7.70
7.80
7.90
1
E
0.248
0.2519
0.256
6.30
6.40
6.50
E1
0.169
0.1732
0.177
4.30
4.40
4.50
1
e
--
0.026 BSC
--
--
0.65 BSC
--
L
0.020
0.024
0.028
0.50
0.60
0.70
µ
0°
4°
8°
0°
4°
8°
JEDEC #: MO-153
Controlling Dimension is Millimeters.
Parameters
Symbol
Min
Typ
Max
Units
Package Thermal Resistance
Single-Layer PCB
Multi-Layer PCB
θJA
-
70
105
-°C/Watt
24L TSSOP (4.4 mm BODY) PACKAGE DRAWING
E
N
1 23
e
b2
A1
A2
A
D
SEATING
PLANE
E11
L
SIDE VIEW
END VIEW
TOP VIEW
∝



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com