Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4970X4 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4970X4
Description  32-bit High Definition Audio Decoder DSP Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4970X4 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4970X4 Datasheet HTML 28Page - Cirrus Logic CS4970X4 Datasheet HTML 29Page - Cirrus Logic CS4970X4 Datasheet HTML 30Page - Cirrus Logic CS4970X4 Datasheet HTML 31Page - Cirrus Logic CS4970X4 Datasheet HTML 32Page - Cirrus Logic CS4970X4 Datasheet HTML 33Page - Cirrus Logic CS4970X4 Datasheet HTML 34Page - Cirrus Logic CS4970X4 Datasheet HTML 35Page - Cirrus Logic CS4970X4 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
Copyright 2008 Cirrus Logic
DS752PP7
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
8.2 144-Pin LQFP Pin-Out Diagram
Figure 21. 144-Pin LQFP Pin-Out Diagram
SD_A11, EXT_A11
GPIO26
SD_A12, EXT_A12
GPIO42, BDI_REQ# , DAI2_LRCLK, PCP_IRQ# / BSY#
113
116
119
122
126
129
130
133
136
139
109
110
115
120
125
135
140
144
CS497xx4
144-Pin LQFP
SD_A3, EXT_A3
SD_A2, EXT_A2
SD_A1, EXT_A1
SD_A0, EXT_A0
VDD4
GND4
SD_A4, EXT_A4
SD_A5, EXT_A5
SD_A6, EXT_A6
SD_A7, EXT_A7
SD_A8, EXT_A8
SD_CLKEN
SD_A9, EXT_A9
VDDIO4
GNDIO4
SD_CLKOUT
SD_CLKIN
SD_D10, EXT_D10
SD_D11, EXT_D11
SD_D12, EXT_D12
VDD3
GND3
SD_D13, EXT_D13
SD_D14, EXT_D14
SD_D15, EXT_D15
SD_DQM1
VDDIO3
GNDIO3
SD_D0, EXT_D0
SD_D1, EXT_D1
SD_D8, EXT_D8
SD_D9, EXT_D9
EXT_CS2#
EXT_WE#
69
66
63
60
57
54
47
44
37
40
45
50
55
65
70
72
GPIO1, PCP_AD1 / D1
GPIO0, PCP_AD0 / D0
XTO
VDD7
GND7
VDDIO7
XTI
GNDIO7
GNDA
NC
PLL_REF_RES
VDDA (3.3V)
VDD8
GND8
GPIO13, DAI1_DATA2, TM2, DSD2
GPIO14, DAI1_DATA3, TM3, DSD3
DAI1_DATA0, TM0, DSD0
GPIO12, DAI1_DATA1, TM1, DSD1
GPIO2, PCP_AD2 / D2
GPIO3, PCP_AD3 / D3
GPIO4, PCP_AD4 / D4
GPIO5, PCP_AD5 / D5
GPIO6, PCP_AD6 / D6
GPIO7, PCP_AD7 / D7
GPIO9, PCP_A1 / A9
DAI1_LRCLK, DSD4
DAI1_SCLK, DSD-CLK
VDDIO8
GNDIO8
GPIO8, PCP_A0 / A8
GPIO27
XTAL_OUT
GPIO43, BDI_CLK, DAI2_SCLK
BDI_DATA, DAI2_DATA, DSD5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com