Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5366 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5366
Description  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5366_08 Datasheet HTML 7Page - Cirrus Logic CS5366_08 Datasheet HTML 8Page - Cirrus Logic CS5366_08 Datasheet HTML 9Page - Cirrus Logic CS5366_08 Datasheet HTML 10Page - Cirrus Logic CS5366_08 Datasheet HTML 11Page - Cirrus Logic CS5366_08 Datasheet HTML 12Page - Cirrus Logic CS5366_08 Datasheet HTML 13Page - Cirrus Logic CS5366_08 Datasheet HTML 14Page - Cirrus Logic CS5366_08 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DS626F3
11
CS5366
DC POWER
MCLK = 12.288 MHz; Master Mode. GND = 0 V.
1.
Power-Down is defined as RST = LOW with all clocks and data lines held static at a valid logic level.
LOGIC LEVELS
PSRR, VQ AND FILT+ CHARACTERISTICS
MCLK = 12.288 MHz; Master Mode. Valid with the recommended capacitor values on FILT+ and VQ as shown in
the “Typical Connection Diagram”.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Current
VA = 5 V
(Normal Operation)
VX = 5 V
VD = 5 V
VD = 3.3 V
VLS, VLC = 5 V
VLS, VLC = 3.3 V
IA
IX
ID
ID
IL
IL
-
-
-
-
-
-
76
4
60
37
6
3
84
8
66
40
8
5
mA
mA
mA
mA
mA
mA
Power Supply Current
VA = 5 V
(Power-Down) (Note 1)
VLS, VLC,VD = 5 V
IA
ID
-
-
50
500
-
-
μA
μA
Power Consumption
(Normal Operation)
All Supplies = 5 V
VA = 5 V, VD = VLS = VLC = 3.3 V
(Power-Down) (Note 1)
-
-
-
-
-
-
730
532
2.75
830
609
-
mW
mW
mW
mW
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
%VLS/VLC
VIH
70
-
-
%
Low-Level Input Voltage
%VLS/VLC
VIL
30
High-Level Output Voltage at 100
μA load
%VLS/VLC
VOH
85
-
Low-Level Output Voltage at -100
μA load
%VLS/VLC
VOL
-15
OVFL Current Sink
-4
mA
Input Leakage Current
logic pins only
Iin
-10
-
10
μA
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Rejection Ratio at (1 kHz)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
VA/2
25
10
-
V
k
Ω
μA
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
VA
4.4
10
-
V
k
Ω
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com