Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5378-ISZ Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS5378-ISZ
Description  Low-power Single-channel Decimation Filter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5378-ISZ Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS5378-ISZ Datasheet HTML 41Page - Cirrus Logic CS5378-ISZ Datasheet HTML 42Page - Cirrus Logic CS5378-ISZ Datasheet HTML 43Page - Cirrus Logic CS5378-ISZ Datasheet HTML 44Page - Cirrus Logic CS5378-ISZ Datasheet HTML 45Page - Cirrus Logic CS5378-ISZ Datasheet HTML 46Page - Cirrus Logic CS5378-ISZ Datasheet HTML 47Page - Cirrus Logic CS5378-ISZ Datasheet HTML 48Page - Cirrus Logic CS5378-ISZ Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
CS5378
DS639F2
45
13.4 Programmable FIR Coefficients
A maximum of 255 + 255 coefficients can be pro-
grammed into FIR1 and FIR2 to create a custom
filter response. The total number of coefficients for
the FIR filter is fundamentally limited by the avail-
able computation cycles in the digital filter, which
itself is determined by the digital filter clock rate.
Custom filter sets should normalize the maximum
coefficient value to 24-bit two’s complement full
scale, 0x7FFFFF, and scale all other coefficients
accordingly. To maintain maximum internal dy-
namic range, the CS5378 FIR filter performs dou-
ble precision calculations with an automatic gain
correction to scale the final output.
Custom FIR coefficients are uploaded using the
‘Write FIR Coefficients’ configuration command.
See “EEPROM Configuration Commands” on
page 27 or “Microcontroller Configuration Com-
mands” on page 33 for information about writing
custom FIR coefficients.
13.5 FIR Filter Synchronization
The FIR1 and FIR2 filters are synchronized to the
external system by the MSYNC signal, which is
generated from the SYNC input. The MSYNC sig-
nal sets a reference time (time 0) for all filter oper-
ations, and the FIR filters are restarted to phase
align with this reference time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com