Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2842 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UC2842
Description  CURRENTMODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2842 Datasheet(HTML) 1 Page - STMicroelectronics

  UC2842 Datasheet HTML 1Page - STMicroelectronics UC2842 Datasheet HTML 2Page - STMicroelectronics UC2842 Datasheet HTML 3Page - STMicroelectronics UC2842 Datasheet HTML 4Page - STMicroelectronics UC2842 Datasheet HTML 5Page - STMicroelectronics UC2842 Datasheet HTML 6Page - STMicroelectronics UC2842 Datasheet HTML 7Page - STMicroelectronics UC2842 Datasheet HTML 8Page - STMicroelectronics UC2842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC2842/3/4/5
UC3842/3/4/5
October 1998
CURRENT MODE PWM CONTROLLER
.
OPTIMIZED FOR OFF-LINE AND DC TO DC
CONVERTERS
.
LOW START-UP CURRENT (< 1 mA)
.
AUTOMATIC FEED FORWARD COMPENSA-
TION
.
PULSE-BY-PULSE CURRENT LIMITING
.
ENHANCED LOAD RESPONSE CHARAC-
TERISTICS
.
UNDER-VOLTAGE LOCKOUT WITH HYSTER-
ESIS
.
DOUBLE PULSE SUPPRESSION
.
HIGH CURRENT TOTEM POLE OUTPUT
.
INTERNALLY TRIMMED BANDGAP REFER-
ENCE
.
500 KHz OPERATION
.
LOW RO ERROR AMP
DESCRIPTION
The UC3842/3/4/5family of control ICs provides the
necessary features to implement off-line or DC to
DC fixed frequency current mode control schemes
with a minimal external parts count. Internallyimple-
mentedcircuits include undervoltagelockout featur-
ing start-up current less than 1 mA, a precision ref-
erence trimmed for accuracy at the error amp input,
logic to insure latched operation, a PWM compara-
torwhich also providescurrent limit control,and a to-
tem pole output stage designed to source or sink
high peak current. The output stage, suitable for
driving N-Channel MOSFETs, is low in the off-state.
Differences between members of this family are the
under-voltage lockout thresholds and maximum
duty cycle ranges. The UC3842 and UC3844 have
UVLO thresholds of 16V (on) and 10V (off), ideally
suited off-line applications The corresponding
thresholds for the UC3843 and UC3845 are 8.5 V
and 7.9 V. The UC3842 and UC3843 can operate
to duty cycles approaching 100%. A range of the
zero to < 50 % is obtained by the UC3844 and
UC3845 by the additionof an internal toggle flip flop
which blanks the output off every other clock cycle.
BLOCK DIAGRAM (toggle flip flop used only in U3844 and UC3845)
Minidip
SO14
®
1/11


Similar Part No. - UC2842

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2842 TI-UC2842 Datasheet
433Kb / 8P
Current Mode PWM Controller
UC2842 TI-UC2842 Datasheet
937Kb / 3P
Current Mode PWM Controller
UC2842 TI-UC2842 Datasheet
720Kb / 24P
CURRENT MODE PWM CONTROLLER
UC2842 TI-UC2842 Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC2842 TI-UC2842 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC2842

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK75001 TOKO-TK75001 Datasheet
102Kb / 13P
PWM CONTROLLER
TK75003 TOKO-TK75003 Datasheet
108Kb / 14P
PWM CONTROLLER
logo
Samsung semiconductor
KA7552 SAMSUNG-KA7552 Datasheet
90Kb / 5P
PWM CONTROLLER
logo
Princeton Technology Co...
AS2916 PTC-AS2916 Datasheet
63Kb / 8P
PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
PWM Controller
logo
ON Semiconductor
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
FAN6605 ONSEMI-FAN6605 Datasheet
1Mb / 18P
PWM Controller
January 2015 Rev. 1.0
FAN6756 ONSEMI-FAN6756 Datasheet
1Mb / 21P
PWM Controller
Rev. 2.0.0
FAN6757 ONSEMI-FAN6757 Datasheet
1Mb / 19P
PWM Controller
Rev. 1.0.1
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com