| Electronic Components Datasheet Search |
|
CS5464 Datasheet(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5464 Datasheet(HTML) 37 Page - Cirrus Logic |
|
37 / 46 page ![]() CS5464 DS682F1 37 8.3.13 Temperature Gain (TGAIN ) – Address: 22 Default = 0x2F02C3 Refer to 6.13 Temperature Measurement on page 21 for more information. 8.3.14 Temperature Offset (TOFF ) – Address: 23 Default = 0xF3D35A Refer to 6.13 Temperature Measurement on page 21 for more information. 8.3.15 Filter Settling Time for Conversion Startup (TSETTLE ) – Address: 25 Default = 30 Sets the number of output word rate (OWR) samples that will be used to allow filters to settle at the beginning of Conversion and Calibration commands. This is an integer in the range of 0 to 8,388,607 samples. 8.3.16 No Load Threshold (LoadMIN) – Address 26 Default = 0 LoadMIN is used to set the no load threshold. When the magnitude of the EPULSE register is less than LoadMIN, EPULSE will be zeroed. If the magnitude of the QPULSE register is less than LoadMIN, Qpulse will be zeroed. LoadMIN is a two’s compliment value in the range of -1.0 ≤ value < 1.0, with the binary point to the right of the MSB. Negative values are not used. 8.3.17 Voltage Fixed RMS Reference (VFRMS) – Address 27 Default = 0.7071068 (full scale RMS) If the application program detects that the meter has possibly been tampered with in such a manner that the voltage input is no longer working, it may choose to use this internal RMS reference instead of the disabled volt- age input by setting the VFIX bit in the Modes register. This is a two's complement value in the range of 0 ≤ value < 1.0, with the binary point to the right of the MSB. Negative values are not used. MSB LSB 26 25 24 23 22 21 20 2-1 ..... 2-11 2-12 2-13 2-14 2-15 2-16 2-17 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB 223 222 221 220 219 218 217 216 ..... 26 25 24 23 22 21 20 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 MSB LSB -(20)2-1 2-2 2-3 2-4 2-5 2-6 2-7 ..... 2-17 2-18 2-19 2-20 2-21 2-22 2-23 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |