Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5532 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5532
Description  16-bit and 24-bit ADCs with Ultra-low-noise PGIA
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5532 Datasheet HTML 13Page - Cirrus Logic CS5532 Datasheet HTML 14Page - Cirrus Logic CS5532 Datasheet HTML 15Page - Cirrus Logic CS5532 Datasheet HTML 16Page - Cirrus Logic CS5532 Datasheet HTML 17Page - Cirrus Logic CS5532 Datasheet HTML 18Page - Cirrus Logic CS5532 Datasheet HTML 19Page - Cirrus Logic CS5532 Datasheet HTML 20Page - Cirrus Logic CS5532 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
CS5531/32/33/34-AS
DS289F5
17
2.2.2. Command Register Quick Reference
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
0
ARA
CS1
CS0
R/W
RSB2
RSB1
RSB0
BIT
NAME
VALUE FUNCTION
D7
Command Bit, C
0
1
Must be logic 0 for these commands.
These commands are invalid if this bit is logic 1.
D6
Access Registers as
Arrays, ARA
0
1
Ignore this function.
Access the respective registers, offset, gain, or channel-setup, as an array of regis-
ters. The particular registers accessed are determined by the RS bits. The registers
are accessed MSB first with physical channel 0 accessed first followed by physical
channel 1 next and so forth.
D5-D4
Channel Select Bits,
CS1-CS0
00
01
10
11
CS1-CS0 provide the address of one of the two (four for CS5533/34) physical input
channels. These bits are also used to access the calibration registers associated
with the respective physical input channel. Note that these bits are ignored when
reading data register.
D3
Read/Write, R/W
0
1
Write to selected register.
Read from selected register.
D2-D0
Register Select Bit,
RSB3-RSB0
000
001
010
011
101
110
111
Reserved
Offset Register
Gain Register
Configuration Register
Channel-Setup Registers
Reserved
Reserved
D7(MSB)
D6
D5
D4
D3
D2
D1
D0
1
MC
CSRP2
CSRP1
CSRP0
CC2
CC1
CC0
BIT
NAME
VALUE FUNCTION
D7
Command Bit, C
0
1
These commands are invalid if this bit is logic 0.
Must be logic 1 for these commands.
D6
Multiple Conver-
sions, MC
0
1
Perform fully settled single conversions.
Perform conversions continuously.
D5-D3
Channel-Setup Reg-
ister Pointer Bits,
CSRP
000
...
111
These bits are used as pointers to the Channel-Setup registers. Either a single con-
version or continuous conversions are performed on the channel setup register
pointed to by these bits.
D2-D0
Conversion/Calibra-
tion Bits, CC2-CC0
000
001
010
011
100
101
110
111
Normal Conversion
Self-Offset Calibration
Self-Gain Calibration
Reserved
Reserved
System-Offset Calibration
System-Gain Calibration
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com