| Electronic Components Datasheet Search |
|
CS5532 Datasheet(PDF) 14 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5532 Datasheet(HTML) 14 Page - Cirrus Logic |
|
14 / 50 page ![]() CS5532/34-BS 14 DS755F3 2.1.4. No Offset DAC An offset DAC was not included in the CS553X family because the high dynamic range of the con- verter eliminates the need for one. The offset regis- ter can be manipulated by the user to mimic the function of a DAC if desired. 2.2. Overview of ADC Register Structure and Operating Modes The CS5532/34 ADCs have an on-chip controller, which includes a number of user-accessible regis- ters. The registers are used to hold offset and gain calibration results, configure the chip's operating modes, hold conversion instructions, and to store conversion data words. Figure 6 depicts a block di- agram of the on-chip controller’s internal registers. Each of the converters has 32-bit registers to func- tion as offset and gain calibration registers for each channel. The CS5532 has two offset and two gain calibration registers, the CS5534 has four offset and four gain calibration registers. These registers hold calibration results. The contents of these reg- isters can be read or written by the user. This allows calibration data to be off-loaded into an external EEPROM. The user can also manipulate the con- tents of these registers to modify the offset or the gain slope of the converter. The converters include a 32-bit configuration reg- ister which is used for setting options such as the power down modes, resetting the converter, short- ing the analog inputs, and enabling diagnostic test bits like the guard signal. A group of registers, called Channel Setup Regis- ters, are used to hold pre-loaded conversion in- structions. Each channel setup register is 32 bits wide, and holds two 16-bit conversion instructions referred to as Setups. Upon power up, these regis- ters can be initialized by the system microcontrol- ler with conversion instructions. The user can then instruct the converter to perform single or multiple Offset 1(1x 32) Offset 2 (1 x 32) Offset 3 (1 x 32) Offset 4 (1 x 32) Gain 1 (1 x 32) Gain 2 (1 x 32) Gain 3 (1 x 32) Gain 4 (1 x 32) Setup 1 (1 x 16) Setup 2 (1 x 16) Setup 4 (1 x 16) Setup 6 (1 x 16) Setup 8 (1 x 16) Setup 3 (1 x 16) Setup 5 (1 x 16) Setup 7 (1 x 16) Offset Registers (4 x 32) Gain Registers (4 x 32) Channel Setup Registers (4 x 32) Conversion Data Register (1 x 32) Configuration Register (1 x 32) Power Save Select Reset System Input Short Guard Signal Voltage Reference Select Output Latch Output Latch Select Channel Select Gain Word Rate Unipolar/Bipolar Output Latch Delay Time Open Circuit Detect CS SDI SDO SCLK Com mand Register (1 × 8) Serial Interface Data (1 x 32) Offset/Gain Select Filter Rate Select Offset/Gain Pointer Figure 6. CS5532/34 Register Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |