Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5571 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5571
Description  짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5571 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5571 Datasheet HTML 19Page - Cirrus Logic CS5571 Datasheet HTML 20Page - Cirrus Logic CS5571 Datasheet HTML 21Page - Cirrus Logic CS5571 Datasheet HTML 22Page - Cirrus Logic CS5571 Datasheet HTML 23Page - Cirrus Logic CS5571 Datasheet HTML 24Page - Cirrus Logic CS5571 Datasheet HTML 25Page - Cirrus Logic CS5571 Datasheet HTML 26Page - Cirrus Logic CS5571 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS5571
DS768PP1
23
3/25/08
10:56
Figure 18 illustrates a test signal of 5.55 kHz, 116.3 dB down, which is only 6.3 microvolts peak to peak,
or about 1/10 of a code width. The converter can reliably digitize this signal because of its excellent DNL
and proper dither.
Figure 19 is a spectral plot of the converter with its input grounded. The spectral information is on a log-
arithmic frequency axis as this illustrates the very low frequency behavior of the converter. Figure 19 was
produced from averaging the results of 16 FFT outputs using 2 million samples each. This plot also illus-
trates that the converter noise floor is free of spurious components that may be present in other converters
due to on-chip digital interference.
-160
-140
-120
-100
-80
-60
-40
-20
0
0
10k
20k
30k
40k
50k
Frequency (Hz)
Figure 18. Spectral Performance, -116.3 dB
Dither On
-140
-120
-100
-80
0.1
1
10
100
1k
10k
-160
-180
-60
-40
-20
0
50k
Frequency (Hz)
Shorted Input
2M Samples @ 100 kSps
16 Averages
Figure 19. Spectral Plot of Noise with Shorted Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com