Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8422 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8422
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8422 Datasheet HTML 50Page - Cirrus Logic CS8422 Datasheet HTML 51Page - Cirrus Logic CS8422 Datasheet HTML 52Page - Cirrus Logic CS8422 Datasheet HTML 53Page - Cirrus Logic CS8422 Datasheet HTML 54Page - Cirrus Logic CS8422 Datasheet HTML 55Page - Cirrus Logic CS8422 Datasheet HTML 56Page - Cirrus Logic CS8422 Datasheet HTML 57Page - Cirrus Logic CS8422 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
54
DS692PP1
CS8422
SIFSEL[2:0] - Serial audio input data format
000 - Left-Justified, up to 24-bit data
001 - I²S, up to 24-bit data
010 - Right-Justified, 24-bit data
011 - Right-Justified, 20-bit data
100 - Right-Justified, 18-bit data
101 - Right-Justified, 16-bit data
110, 111 - Reserved
11.12 Serial Audio Output Data Format - SDOUT1 (0Ch)
SOMS1 - Master/Slave Mode Selector
0 - Serial audio output port is in slave mode. OSCLK and OLRCK are inputs.
1 - Serial audio output port is in master mode. OSCLK and OLRCK are outputs.
SOSF1 - OSCLK1 Frequency. Valid only in master mode (SOMS1 = 1). If the SRC is selected as the source
for SDOUT1 (SDOUT1[1:0] = 00 in register 0Ah), then the master clock (MCLK) is the SAO MCLK (as se-
lected by the SAO_MCLK bit in register 08h). If the AES3 receiver is selected as the source for SDOUT1
(SDOUT1[1:0] = 01 in register 0Ah), then the MCLK is RMCK. Should be changed when PDN = 1. See
Table 9 for details. Note: If serial output 1 is in master mode and sourced directly by the serial input port,
SAI_CLK[3:0] determines the MCLK/OLRCK1 ratio.
0101
384
48
96
0110
512
64
128
0111
768
48
96
1000
1024
64
128
76
5432
10
SOMS1
SOSF1
SORES1_1
SORES1_0
SOFSEL1_1
SOFSEL1_0
TDM1
TDM0
00
0000
00
SAO_CLK[3:0],
SAI_CLK[3:0], or
RMCK[3:0]
MCLK/OLRCK1 Ratio
OSCLK1/OLRCK1 Ratio
SOSF1 = 0
SOSF1 = 1
0000
64
64
INVALID
0001
96
48
96
0010
128
64
128
0011
192
48
96
0100
256
64
128
0101
384
48
96
0110
512
64
128
0111
768
48
96
1000
1024
64
128
Table 9. OSCLK1/OLRCK1 Ratios and SOSF1 Settings
Table 8. ISCLK/ILRCK Ratios and SISF Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com