Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2842B Datasheet(PDF) 7 Page - STMicroelectronics

Part # UC2842B
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC2842B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UC2842B Datasheet HTML 3Page - STMicroelectronics UC2842B Datasheet HTML 4Page - STMicroelectronics UC2842B Datasheet HTML 5Page - STMicroelectronics UC2842B Datasheet HTML 6Page - STMicroelectronics UC2842B Datasheet HTML 7Page - STMicroelectronics UC2842B Datasheet HTML 8Page - STMicroelectronics UC2842B Datasheet HTML 9Page - STMicroelectronics UC2842B Datasheet HTML 10Page - STMicroelectronics UC2842B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
0
200
400
600
IO(mA)
0
1
2
3
-2
-1
Vsat
(V)
D95IN341
Vi=15V
80
µs Pulsed Load 120Hz Rate
TA=-40°C
TA=25°C
Vi
TA=-40°C
TA=25°C
GND
Sink Saturation
(Load to Vi)
Source Saturation
(Load to Ground)
Figure 10: Output Saturation Voltagevs. Load
Current.
0
102030
Vi(V)
0
5
10
15
20
Ii
(mA)
RT=10K
CT=3.3nF
VFB=0V
ISense=0V
TA=25°C
D95IN342
Figure 11: Supply Current vs. Supply Voltage.
Figure 12: Output Waveform.
Figure 13: Output Cross Conduction
5V REG
OSCILLATOR
PWM
CLOCK
8
4
5
6
RT
CT
GND
OUTPUT
7
Vi
ID
CT
OUTPUT
LARGE RT/SMALL CT
CT
OUTPUT
SMALL RT/LARGE CT
D95IN344
Figure 14: Oscillator and Output Waveforms.
Vi =15V
CL = 1.0nF
TA =25
°C
90%
10%
50ns/DIV
Vi =30V
CL = 15pF
TA =25
°C
VO
ICC
100ns/DIV
100mA/DIV
20V/DIV
UC2842B/3B/4B/5B - UC3842B/3B/4B/5B
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com