Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42435 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS42435
Description  108 dB, 192 kHz 4-In, 8-Out TDM CODEC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42435 Datasheet(HTML) 5 Page - Cirrus Logic

  CS42435_07 Datasheet HTML 1Page - Cirrus Logic CS42435_07 Datasheet HTML 2Page - Cirrus Logic CS42435_07 Datasheet HTML 3Page - Cirrus Logic CS42435_07 Datasheet HTML 4Page - Cirrus Logic CS42435_07 Datasheet HTML 5Page - Cirrus Logic CS42435_07 Datasheet HTML 6Page - Cirrus Logic CS42435_07 Datasheet HTML 7Page - Cirrus Logic CS42435_07 Datasheet HTML 8Page - Cirrus Logic CS42435_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 57 page
background image
DS685F2
5
CS42435
LIST OF TABLES
Table 1. I/O Power Rails ............................................................................................................................. 8
Table 2. Hardware Configurable Settings ................................................................................................. 26
Table 3. MCLK Frequency Settings .......................................................................................................... 31
Table 4. Serial Audio Interface Channel Allocations ................................................................................. 32
Table 5. MCLK Frequency Settings .......................................................................................................... 41
Table 6. Example AOUT Volume Settings ................................................................................................ 45
Table 7. Example AIN Volume Settings .................................................................................................... 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com