Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42448 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS42448
Description  108 dB, 192 kHz 6-In, 8-Out CODEC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42448 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS42448 Datasheet HTML 23Page - Cirrus Logic CS42448 Datasheet HTML 24Page - Cirrus Logic CS42448 Datasheet HTML 25Page - Cirrus Logic CS42448 Datasheet HTML 26Page - Cirrus Logic CS42448 Datasheet HTML 27Page - Cirrus Logic CS42448 Datasheet HTML 28Page - Cirrus Logic CS42448 Datasheet HTML 29Page - Cirrus Logic CS42448 Datasheet HTML 30Page - Cirrus Logic CS42448 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
DS648F3
27
CS42448
Software Mode
Registers setup to
desired settings.
RST = Low?
No Power
1. VQ = ?
2. Aout bias = ?
3. No audio signal
generated.
Power-Down (Power Applied)
1. VQ = 0 V.
2. Aout = VQ.
3. No audio signal generated.
4. Control Port Registers reset
to default.
Control Port
Active
Control Port
Access Detected?
Hardware Mode not supported.
Codec will power up in an
unknown state once all clocks
and data are valid. It is
recommended that the user
setup up the codec via the
control port before applying
MCLK.
Valid MCLK
Applied?
No
PDN bit = '1'b?
Sub-Clocks Applied
1. LRCK valid.
2. SCLK valid.
3. Audio samples
processed.
Valid
MCLK/LRCK
Ratio?
No
Yes
Yes
No
Yes
No
Yes
Yes
No
Normal Operation
1. VQ = VA/2.
2. Aout bias = VQ.
3. Audio signal generated per register settings.
Analog Output Freeze
1. VQ = VA/2.
2. Aout bias = VQ + last audio sample.
3. DAC Modulators stop operation.
4. Audible pops.
Analog Output Mute
1. VQ = VA/2.
2. Aout bias = VQ.
3. DAC outputs muted.
4. No audio signal generated.
ERROR: MCLK/LRCK ratio change
ERROR: MCLK removed
RST = Low
PDN bit set
to '1'b
Power-Up Ramp
1. VQ ramp up to VA/2.
2. Aout bias = VQ.
400 ms delay
Power-Down Ramp
1. VQ ramp down to 0 V.
2. Aout bias = VQ.
250 ms delay
Power-Down Mode
1. VQ = 0 V.
2. Aout bias = VQ.
3. No audio signal generated.
4. Control Port Registers retain
settings.
2000 LRCK delay
PopGuard®
Power-Down Transition
1. VQ = 0 V.
2. Aout bias = VQ.
3. Audible pops.
No Power Transition
1. VQ = 0 V.
2. Aout bias = VQ.
3. Audible pops.
ERROR: Power removed
Figure 12. Audio Output Initialization Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com