Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83R5122XXX-RDTUM Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT83R5122XXX-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDTUM Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDTUM Datasheet HTML 39Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 40Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 41Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 42Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 46Page - ATMEL Corporation AT83R5122XXX-RDTUM Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 208 page
background image
43
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
The CPU and peripherals clocks frequencies are defined in the table below.
X1 and X2 Modes
Use of on-chip oscillator
When the CPU and Peripherals clocks are fed by the on-chip oscillator, the CPU and
Peripherals can be configured independently in X1 or X2 mode depending on the fre-
quencies wanted by the user. There is however one exception : the periperals can be
configured in X2 mode while the CPU remains in X1 mode. This exception is handled by
the hardware and the user does not need to take care of.
The X1 or X2 modes can be individually selected for the CPU and each peripheral by
means of CKCON0 and CKCON1 registers. At reset, the CPU and Peripherals are set
all by default to X1 mode. In this mode, changing any peripheral to X2 mode has no
effect. When X2 bit is set in CKCON0 register, CPU and All peripherals are automati-
cally switched to X2 mode. It is then possible for the user to individually switch any
peripheral back to X1 mode.
In X1 mode (X2 bit cleared in CKCON0 regsiter), the PR1 prescaler is active while it is
bypassed in X2 mode (X2 bit set in CKCON0 register).
The X1 mode is true only when the prescaler PR1 is set to 1/2 (default condition at
reset).
CKS
X2
FCK_IDLE
00FCK_XTAL1/(2*(16-CKRL))
01FCK_XTAL1
10FCK_PLL/(2*(16-CKRL))
11Not allowed
Table 1.
X1 and X2 Mode Selection
CPU
Peripherals
Status
Frequenci
X1 mode
X1 mode
Allowed
(default configuration at reset)
FCK_IDLE = FCK_PERIPH
X1 mode
X2 mode
Not Allowed by the hardware
X2 mode
X1 mode
Allowed
Once the CPU is switched to X2
mode, the user is free to switch
any of the peripherals to X1
mode
FCK_IDLE = 2*FCK_PERIPH
X2 mode
X2 mode
Allowed
Default configuration when CPU
is switched to X2 mode
FCK_IDLE = FCK_PERIPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com