Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT85C5122D-RDTUM Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT85C5122D-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT85C5122D-RDTUM Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT85C5122D-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 105Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 208 page
background image
102
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Bulk/Interrupt OUT
Transactions in Ping-Pong
Mode (Endpoints 6)
Figure 55.
Bulk / Interrupt OUT Transactions in Ping-Pong Mode
An endpoint should be first enabled and configured before being able to receive Bulk or
Interrupt packets.
When a valid OUT packet is received on the endpoint bank 0, the RXOUTB0 bit is set by
the USB controller. This triggers an interrupt if enabled. The firmware has to select the
corresponding endpoint, store the number of data bytes by reading the UBYCTX regis-
ter. If the received packet is a ZLP (Zero Length Packet), the UBYCTX register value is
equal to 0 and no data has to be read.
When all the endpoint FIFO bytes have been read, the firmware should clear the
RXOUB0 bit to allow the USB controller to accept the next OUT packet on the endpoint
bank 0. This action switches the endpoint bank 0 and 1. Until the RXOUTB0 bit has
been cleared by the firmware, the USB controller will answer a NAK handshake for each
OUT requests on the bank 0 endpoint FIFO.
When a new valid OUT packet is received on the endpoint bank 1, the RXOUTB1 bit is
set by the USB controller. This triggers an interrupt if enabled. The firmware empties the
bank 1 endpoint FIFO before clearing the RXOUTB1 bit. Until the RXOUTB1 bit has
been cleared by the firmware, the USB controller will answer a NAK handshake for each
OUT requests on the bank 1 endpoint FIFO.
The RXOUTB0 and RXOUTB1 bits are alternatively set by the USB controller at each
new valid packet receipt.
The firmware has to clear one of these two bits after having read all the data FIFO to
allow a new valid packet to be stored in the corresponding bank.
A NAK handshake is sent by the USB controller only if the banks 0 and 1 has not been
released by the firmware.
OUT
DATA0 (n bytes)
ACK
HOST
UFI
C51
Endpoint FIFO bank 0 - read byte 1
RXOUTB0
Endpoint FIFO bank 0 - read byte 2
Endpoint FIFO bank 0 - read byte n
Clear RXOUTB0
OUT
DATA1 (m bytes)
ACK
RXOUTB1
Endpoint FIFO bank 1 - read byte 1
Endpoint FIFO bank 1 - read byte 2
Endpoint FIFO bank 1 - read byte m
Clear RXOUTB1
OUT
DATA0 (p bytes)
ACK
RXOUTB0
Endpoint FIFO bank 0 - read byte 1
Endpoint FIFO bank 0 - read byte 2
Endpoint FIFO bank 0 - read byte p
Clear RXOUTB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com