Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT85C5122D-RDTUM Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT85C5122D-RDTUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT85C5122D-RDTUM Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT85C5122D-RDTUM Datasheet HTML 22Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 29Page - ATMEL Corporation AT85C5122D-RDTUM Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 208 page
background image
26
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Using CRAM Memory
The CRAM is a read / write volatile memory that is mapped in the program memory
space. Then when the power is switched off the code is lost and needs to be reload at
each power up. In return, the CRAM enables a lot of flexibility in the code development
as it can be programmed indefinitely. The user code running in the CRAM can perform
read operations in CRAM itself by means of MOVC instructions like any C51 microcon-
troller does. Although the writing operations in CRAM are usually handled by the
bootloader, it is possible for the user code to handle its own writing operations in CRAM
as well. The user code must call API functions provided by the bootloader in the ROM
memory. Refer to bootloader datasheet for further details about the use of these API
functions. These API functions use a mechanism provided by the AT8xC5122 microcon-
troller. When the bit RPS is set in RCON register (Table 8 on page 24), the MOVX
intructions are configured to write in CRAM instead of XRAM memory. However, due to
C51 architecture, it is not possible for the user code to write directly in CRAM when it is
itself running in CRAM. This is why the API functions must be called in order to have the
code executing in ROM while the CRAM is written.
Figure 11.
Read / Write Mechanisms in CRAM Memory
MOVX
API functions
RPS=1
Read operation
Writing operation
User code
CRAM
BOOTLOADER
API Call
MOVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com