Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA73 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA73
Description  POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA73 Datasheet(HTML) 2 Page - Cirrus Logic

  PA73 Datasheet HTML 1Page - Cirrus Logic PA73 Datasheet HTML 2Page - Cirrus Logic PA73 Datasheet HTML 3Page - Cirrus Logic PA73 Datasheet HTML 4Page - Cirrus Logic PA73 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PA01-73U
PA01 • PA73
P r o d u c t I n n o v a t i o n F r o m
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTEMAXIMUMRATINGS
PA01
PA73
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±5
±12
*
±10
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
±10
±65
*
*
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
±35
*
±200
µV/V
OFFSET VOLTAGE, vs. power
T
C = 25°C
±20
*
µV/W
BIAS CURRENT, initial
T
C = 25°C
±15
±50
*
±40
nA
BIAS CURRENT, vs. temperature
Full temperature range
±.05
±.4
*
*
nA/°C
BIAS CURRENT, vs. supply
T
C = 25°C
±.02
*
nA/V
OFFSET CURRENT, initial
T
C = 25°C
±12
±30
*
*
nA
OFFSET CURRENT, vs. temperature
Full temperature range
±.05
*
nA/°C
INPUT IMPEDANCE, common-mode
T
C = 25°C
200
*
MΩ
INPUT IMPEDANCE, differential
T
C = 25°C
10
*
MΩ
INPUT CAPACITANCE
T
C = 25°C
3
*
pF
COMMON MODE VOLTAGE RANGE3
Full temperature range
±V
S–6
±V
S–3
*
*
V
COMMON MODE REJECTION, DC3
T
C = 25°C, VCM = VS –6V
70
110
*
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
Full temp. range, full load
91
113
*
*
dB
GAIN BANDWIDTH PRODUCT @ 1MHz T
C = 25°C, full load
1
*
MHz
POWER BANDWIDTH
T
C = 25°C, IO = 4A, VO = 40VPP
15
23
*
*
kHz
PHASE MARGIN
Full temperature range
45
*
°
OUTPUT
VOLTAGE SWING3
T
C = 25°C, IO = 5A
±V
S–10
±V
S–5
±V
S–8
*
V
VOLTAGE SWING3
Full temp. range, I
O = 2A
±V
S–6
±V
S–5
*
*
V
VOLTAGE SWING3
Full temp. range, I
O = 46mA
±V
S–5
*
V
CURRENT, peak
T
C = 25°C
±5
*
A
SETTLING TIME to .1%
T
C = 25°C, 2V step
2
*
µs
SLEW RATE
T
C = 25°C, RL = 2.5Ω
1.0
2.6
*
*
V/µs
CAPACITIVE LOAD, unity gain
Full temperature range
1
*
nF
CAPACITIVE LOAD, gain > 4
Full temperature range
SOA
*
POWER SUPPLY
VOLTAGE
Full temperature range
±10
±28
±28
*
*
±30
V
CURRENT, quiescent
T
C = 25°C
20
50
2.6
5
mA
THERMAL
RESISTANCE, AC, junction to case4
F > 60Hz
1.9
2.1
*
*
°C/W
RESISTANCE, DC, junction to case
F < 60Hz
2.4
2.6
*
*
°C/W
RESISTANCE, junction to air
30
*
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
25
+85
*
*
*
°C
PA01
PA73
SUPPLY VOLTAGE, +V
S to –VS
60V
68V
OUTPUT CURRENT, within SOA
5A
5A
POWER DISSIPATION, internal
67W
67W
INPUT VOLTAGE, differential
±37V
±37V
INPUT VOLTAGE, common-mode
±V
S
±V
S
TEMPERATURE, junction1
200°C
200°C
TEMPERATURE, pin solder -10s
300°C
300°C
TEMPERATURE RANGE, storage
–65 to +150°C
–65 to +150°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
–25 to +85°C
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
NOTES: *
The specification of PA73 is identical to the specification for PA01 in applicable column to the left.
1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. The power supply voltage specified under the TYP rating applies unless otherwise noted as a test condition.
3. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
CAUTION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com