Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27C080 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit (1M x 8) OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT27C080_07 Datasheet HTML 6Page - ATMEL Corporation AT27C080_07 Datasheet HTML 7Page - ATMEL Corporation AT27C080_07 Datasheet HTML 8Page - ATMEL Corporation AT27C080_07 Datasheet HTML 9Page - ATMEL Corporation AT27C080_07 Datasheet HTML 10Page - ATMEL Corporation AT27C080_07 Datasheet HTML 11Page - ATMEL Corporation AT27C080_07 Datasheet HTML 12Page - ATMEL Corporation AT27C080_07 Datasheet HTML 13Page - ATMEL Corporation AT27C080_07 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
0360L–EPROM–12/07
AT27C080
19. Ordering Information
19.1
Standard Package
t
ACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
40
0.1
AT27C080-90JI
AT27C080-90PI
AT27C080-90TI
32J
32P6
32T
Industrial
(-40
° C to 85° C)
Note:
Not recommended for new designs. Use Green package option.
19.2
Green Package (Pb/Halide-free)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
40
0.1
AT27C080-90JU
AT27C080-90PU
AT27C080-90TU
32J
32P6
32T
Industrial
(-40
° C to 85° C)
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
32P6
32-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32-lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com