Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8BQL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF16V8BQL
Description  Highperformance EE PLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8BQL Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF16V8BQL Datasheet HTML 1Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 2Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 3Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 4Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 5Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 6Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 7Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 8Page - ATMEL Corporation ATF16V8BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
0364J–PLD–7/05
ATF16V8B/BQ/BQL
Figure 1-1.
Block Diagram
2.
Pin Configurations
Table 2-1.
Pin Configurations (All Pinouts Top View)
Pin Name
Function
CLK
Clock
I
Logic Inputs
I/O
Bi-directional Buffers
OE
Output Enable
VCC
+5V Supply
Figure 2-1.
TSSOP
Figure 2-2.
DIP/SOIC
Figure 2-3.
PLCC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I/CLK
I1
I2
I3
I4
I5
I6
I7
I8
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I9/OE
4
5
6
7
8
18
17
16
15
14
I3
I4
I5
I6
I7
I/O
I/O
I/O
I/O
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com