Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF16V8CZ Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF16V8CZ
Description  Highperformance EE PLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16V8CZ Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF16V8CZ Datasheet HTML 9Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 10Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 11Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 12Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 13Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 14Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 15Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 16Page - ATMEL Corporation ATF16V8CZ Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
0453H–PLD–7/05
ATF16V8CZ
8.2
ATF16V8CZ Complex Mode
PAL Device Emulation/PAL Replacement. In the complex mode, combinatorial output and I/O
functions are possible. Pins 1 and 11 are regular inputs to the array. Pins 13 through 18 have pin
feedback paths back to the AND-array, which makes full I/O capability possible. Pins 12 and 19
(outermost macrocells) are outputs only. They do not have input capability. In this mode, each
macrocell has seven product terms going to the sum term and one product term enabling the
output.
Combinatorial applications with an OE requirement will make the compiler select this mode. The
following devices can be emulated using this mode:
16L8
16H8
16P8
Figure 8-4.
Complex Mode Option
9.
ATF16V8CZ Simple Mode
PAL Device Emulation/PAL Replacement. In the Simple Mode, 8 product terms are allocated
to the sum term. Pins 15 and 16 (center macrocells) are permanently configured as combinato-
rial outputs. Other macrocells can be either inputs or combinatorial outputs with pin feedback to
the AND-array. Pins 1 and 11 are regular inputs.
The compiler selects this mode when all outputs are combinatorial without OE control. The fol-
lowing simple PALs can be emulated using this mode:
10L8 10H8 10P8
12L6 12H6 12P6
14L4 14H4 14P4
16L2 16H2 16P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com