Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750LVC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF750LVC Datasheet HTML 1Page - ATMEL Corporation ATF750LVC Datasheet HTML 2Page - ATMEL Corporation ATF750LVC Datasheet HTML 3Page - ATMEL Corporation ATF750LVC Datasheet HTML 4Page - ATMEL Corporation ATF750LVC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
• 3.0V to 5.5V Operating Range
• Advanced, High-speed, Electrically-erasable Programmable Logic Device
– Superset of 22V10
– Enhanced Logic Flexibility
– Architecturally Compatible with ATV750B and ATV750 Software and Hardware
• D- or T-type Flip-flop
• Product Term or Direct Input Pin Clocking
• 10 ns Maximum Pin-to-pin Delay with 5V Operation
• 15 ns Maximum Pin-to-pin Delay with 3V Operation
• Highest Density Programmable Logic Available in 24-pin Package
– Advanced Electrically-erasable Technology
– Reprogrammable
– 100% Tested
• Increased Logic Flexibility
– 42 Array Inputs, 20 Sum Terms and 20 Flip-flops
• Enhanced Output Logic Flexibility
– All 20 Flip-flops Feed Back Internally
– 10 Flip-flops are also Available as Outputs
• Programmable Pin-keeper Circuits
• Dual-in-line and Surface Mount Package in Standard Pinouts
• Commercial and Industrial Temperature Ranges
• 20-year Data Retention
• 2000V ESD Protection
• 1000 Erase/Write Cycles
• Green Package Options (Pb/Halide-free/RoHS Compliant) Available
1.
Block Diagram
2.
Description
The Atmel
® “750” architecture is twice as powerful as most other 24-pin programma-
ble logic devices. Increased product terms, sum terms, flip-flops and output logic
configurations translate into more usable gates. High-speed logic and uniform, pre-
dictable delays guarantee fast in-system performance. The ATF750LVC is a high-
performance CMOS (electrically-erasable) complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable technology.
PROGRAMMABLE
INTERCONNECT
AND
COMBINATORIAL
LOGIC ARRAY
LOGIC
OPTION
(UP T0 20
FLIP-FLOPS)
OUTPUT
OPTION
4TO 8
PRODUCT
TERMS
(OE PRODUCT TERMS)
10
I/O
PINS
12
INPUT
PINS
(CLOCK PIN)
High-speed
Complex
Programmable
Logic Device
ATF750LVC
1447F–PLD–11/08


Similar Part No. - ATF750LVC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
ATF750LVC-15JC ATMEL-ATF750LVC-15JC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
ATF750LVC-15JI ATMEL-ATF750LVC-15JI Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
ATF750LVC-15PC ATMEL-ATF750LVC-15PC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
ATF750LVC-15PI ATMEL-ATF750LVC-15PI Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
More results

Similar Description - ATF750LVC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
High-Speed UV-Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
High-speed Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV Datasheet
314Kb / 29P
Low-voltage, Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
High performance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
High-speed Complex Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
High Speed UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
Highperformance Complex Programmable Logic Device
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
High-performance Complex Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com