Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502ASV Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1502ASV
Description  Highperformance EEPROM CPLD
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502ASV Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1502ASV Datasheet HTML 17Page - ATMEL Corporation ATF1502ASV Datasheet HTML 18Page - ATMEL Corporation ATF1502ASV Datasheet HTML 19Page - ATMEL Corporation ATF1502ASV Datasheet HTML 20Page - ATMEL Corporation ATF1502ASV Datasheet HTML 21Page - ATMEL Corporation ATF1502ASV Datasheet HTML 22Page - ATMEL Corporation ATF1502ASV Datasheet HTML 23Page - ATMEL Corporation ATF1502ASV Datasheet HTML 24Page - ATMEL Corporation ATF1502ASV Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
1615J–PLD–01/06
ATF1502ASV
16. Ordering Information
Notes:
1. The last-time buy date was September 30, 2005 for shaded parts.
2. In 2004, Atmel briefly offered lead-free ATF1502ASV-15JJ44. This part is now discontinued and replaced by
ATF1502ASV-15JU44, which is both lead- and Halide-free.
16.3
Using “C” Product for Industrial
There is very little risk in using “C” devices for industrial applications because the V
CC conditions for 3.3V products are
the same for commercial and industrial (there is only 15
°C difference at the high end of the temperature range). To use
commercial product for industrial temperature ranges, de-rate I
CC by 15%.
16.1
Standard Package Options
t
PD
(ns)
t
CO1
(ns)
f
MAX
(MHz)
Ordering Code
Package
Operation Range
15
8
100
ATF1502ASV-15AC44
44A
44J
Commercial
(0
°C to 70°C)
ATF1502ASV-15JC44
15
8
100
ATF1502ASV-15AI44
44A
44J
Industrial
(-40
°C to +85°C)
ATF1502ASV-15JI44
20
12
83.3
ATF1502ASV-20AC44
44A
44J
Commercial
(0
°C to 70°C)
ATF1502ASV-20JC44
20
12
83.3
ATF1502ASV-20AI44
ATF1502ASV-20JI44
44A
44J
Industrial
(-40
°C to +85°C)
16.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
15
8
100
ATF1502ASV-15AU44
ATF1502ASV-15JU44
44A
44J
Industrial
(-40
°C to +85°C)
Package Type
44A
44-lead, Thin Plastic Gull Wing Quad Flatpack (TQFP)
44J
44-lead, Plastic J-leaded Chip Carrier OTP (PLCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com